Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032-GCT Datasheet(PDF) 8 Page - STMicroelectronics

Part # M59MR032-GCT
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032-GCT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M59MR032-GCT Datasheet HTML 4Page - STMicroelectronics M59MR032-GCT Datasheet HTML 5Page - STMicroelectronics M59MR032-GCT Datasheet HTML 6Page - STMicroelectronics M59MR032-GCT Datasheet HTML 7Page - STMicroelectronics M59MR032-GCT Datasheet HTML 8Page - STMicroelectronics M59MR032-GCT Datasheet HTML 9Page - STMicroelectronics M59MR032-GCT Datasheet HTML 10Page - STMicroelectronics M59MR032-GCT Datasheet HTML 11Page - STMicroelectronics M59MR032-GCT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
M59MR032C, M59MR032D
8/49
SIGNAL DESCRIPTIONS
See Figure 1 and Table 1.
Address Inputs or Data Input/Output (ADQ0-
ADQ15). When Chip Enable E is at VIL and Out-
put Enable G is at VIH the multiplexed address/
data bus is used to input addresses for the memo-
ry array, data to be programmed in the memory ar-
ray or commands to be written to the C.I. The
address inputs for the memory array are latched
on the rising edge of Latch Enable L. The address
latch is transparent when L is at VIL. Both input
data and commands are latched on the rising edge
of Write Enable W. When Chip Enable E and Out-
put Enable G are at VIL the address/data bus out-
puts data from the Memory Array, the Electronic
Signature Manufacturer or Device codes, the
Block Protection status the Configuration Register
status or the Status Register Data Polling bit
ADQ7, the Toggle Bits ADQ6 and ADQ2, the Error
bit ADQ5. The address/data bus is high imped-
ance when the chip is deselected, Output Enable
G is at VIH, or RP is at VIL.
Address Inputs (A16-A20). The five MSB ad-
dresses of the memory array are latched on the
rising edge of Latch Enable L.
Chip Enable (E). The Chip Enable input acti-
vates the memory control logic, input buffers, de-
coders and sense amplifiers. E at VIH deselects
the memory and reduces the power consumption
to the standby level. E can also be used to control
writing to the command register and to the memo-
ry array, while W remains at VIL.
Output Enable (G). The Output Enable gates the
outputs through the data buffers during a read op-
eration. When G is at VIH the outputs are High im-
pedance.
Write Enable (W). This input controls writing to
the Command Register and Data latches. Data are
latched on the rising edge of W.
Write Protect (WP). This input gives an addition-
al hardware protection level against program or
erase when pulled at VIL, as described in the Block
Lock instruction description.
Reset/Power-down Input (RP). The
RP
input
provides hardware reset of the memory, and/or
Power-down functions, depending on the Configu-
ration Register status. Reset/Power-down of the
memory is achieved by pulling RP to VIL for at
least tPLPH. When the reset pulse is given, if the
memory is in Read, Erase Suspend Read or
Standby, it will output new valid data in tPHQ7V1 af-
ter the rising edge of RP. If the memory is in Erase
or Program modes, the operation will be aborted
and the reset recovery will take a maximum of
tPLQ7V. The memory will recover from Power-
down (when enabled) in tPHQ7V2 after the rising
edge of RP. Exit from Reset/Power-down changes
the contents of the configuration register bits 14
and 15, setting the memory in asynchronous page
mode read and power save function disabled. All
blocks are protected and unlocked after a Reset/
Power-down. See Tables 29, 31 and Figure 14.
Latch Enable (L). L latches the address bits
ADQ0-ADQ15 and A16-A20 on its rising edge.
The address latch is transparent when L is at VIL
and it is inhibited when L is at VIH.
Clock (K). The clock input synchronizes the
memory to the microcontroller during burst mode
read operation; the address is latched on a K edge
(rising or falling, according to the configuration set-
tings) when L is at VIL. K is don’t care during asyn-
chronous page mode read and in write operations.
Wait (WAIT). WAIT is an output signal used dur-
ing burst mode read, indicating whether the data
on the output bus are valid or a wait state must be
inserted. This output is high impedance when E or
G are high or RP is at VIL, and can be configured
to be active during the wait cycle or one clock cy-
cle in advance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com