Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032-GCT Datasheet(PDF) 46 Page - STMicroelectronics

Part # M59MR032-GCT
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032-GCT Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M59MR032-GCT Datasheet HTML 41Page - STMicroelectronics M59MR032-GCT Datasheet HTML 42Page - STMicroelectronics M59MR032-GCT Datasheet HTML 43Page - STMicroelectronics M59MR032-GCT Datasheet HTML 44Page - STMicroelectronics M59MR032-GCT Datasheet HTML 45Page - STMicroelectronics M59MR032-GCT Datasheet HTML 46Page - STMicroelectronics M59MR032-GCT Datasheet HTML 47Page - STMicroelectronics M59MR032-GCT Datasheet HTML 48Page - STMicroelectronics M59MR032-GCT Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
M59MR032C, M59MR032D
46/49
Table 39. LFBGA54 - 10 x 4 ball array, 0.5 mm pitch, Package Mechanical Data
millimeters
inches
Symbol
Typ
Min
Max
Typ
Min
Max
A
1.100
1.000
1.200
0.0433
0.0394
0.0472
A1
0.150
0.100
0.250
0.0059
0.0039
0.0098
A2
0.950
–
–
0.0374
–
–
b
0.400
0.300
0.450
0.0157
0.0118
0.0177
D
7.000
6.800
7.200
0.2756
0.2677
0.2835
D1
4.500
–
–
0.1772
–
–
ddd
0.150
0.0059
e
0.500
–
–
0.0197
–
–
E
12.000
11.800
12.200
0.4724
0.4646
0.4803
E1
1.500
–
–
0.0591
–
–
E2
6.500
–
–
0.2559
–
–
E3
1.000
–
–
0.0394
–
–
E4
0.500
–
–
0.0197
–
–
FD
1.250
–
–
0.0492
–
–
FE
5.250
–
–
0.2067
–
–
SD
0.250
–
–
0.0098
–
–
SE
0.250
–
–
0.0098
–
–
Figure 19. LFBGA54 - 10 x 4 ball array, 0.5 mm pitch, Bottom View Package Outline
Drawing is not to scale.
E1
E
D
eb
SD
SE
A2
A1
A
BGA-Z06
ddd
E2
DUMMY BALLS
BALL "A1"
D1
E4
E3
FE
FD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com