Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032-GCT Datasheet(PDF) 10 Page - STMicroelectronics

Part # M59MR032-GCT
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032-GCT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M59MR032-GCT Datasheet HTML 6Page - STMicroelectronics M59MR032-GCT Datasheet HTML 7Page - STMicroelectronics M59MR032-GCT Datasheet HTML 8Page - STMicroelectronics M59MR032-GCT Datasheet HTML 9Page - STMicroelectronics M59MR032-GCT Datasheet HTML 10Page - STMicroelectronics M59MR032-GCT Datasheet HTML 11Page - STMicroelectronics M59MR032-GCT Datasheet HTML 12Page - STMicroelectronics M59MR032-GCT Datasheet HTML 13Page - STMicroelectronics M59MR032-GCT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
M59MR032C, M59MR032D
10/49
Table 8. User Bus Operations (1)
Note: 1. X = Don’t care.
Table 9. Read Electronic Signature (AS and Read CFI instructions) (1)
Note: 1. Addresses are latched on the rising edge of L input.
Table 10. Read Block Protection (AS and Read CFI instructions) (1)
Note: 1. Addresses are latched on the rising edge of L input.
2. A locked block can be unprotected only with WP at VIH.
Operation
E
G
W
RP
WP
ADQ0-ADQ15
Write
VIL
VIH
VIL
VIH
VIH
Data Input
Output Disable
VIL
VIH
VIH
VIH
VIH
Hi-Z
Standby
VIH
XX
VIH
VIH
Hi-Z
Reset / Power-down
X
X
X
VIL
VIH
Hi-Z
Block Locking
VIL
XX
VIH
VIL
X
Code
Device
E
G
W
A0-A7
A8-A20
Data
Manufacturer Code
VIL
VIL
VIH
00h
Don’t Care
0020h
Device Code
M59MR032C
VIL
VIL
VIH
01h
Don’t Care
00A4h
M59MR032D
VIL
VIL
VIH
01h
Don’t Care
00A5h
Block Status
E
G
W
A0-A7
A8-A11
A12-A20
Data
Protected and
unlocked
VIL
VIL
VIH
02h
Don’t Care
Block Address
0001
Unprotected and
unlocked
VIL
VIL
VIH
02h
Don’t Care
Block Address
0000
Protected and locked
VIL
VIL
VIH
02h
Don’t Care
Block Address
0003
Unprotected and
locked (2)
VIL
VIL
VIH
02h
Don’t Care
Block Address
0002
DEVICE OPERATIONS
The following operations can be performed using
the appropriate bus cycles: Address Latch, Read
Array (Random, and Page Modes), Write com-
mand, Output Disable, Standby, Reset/Power-
down and Block Locking. See Table 8.
Address Latch. In asynchronous operation, the
address is latched on the rising edge of L input; in
burst mode, the address is latched either by L go-
ing high or with a rising/falling edge of K, depend-
ing on the clock configuration.
Read. Read operations are used to output the
contents of the Memory Array, the Electronic Sig-
nature, the Status Register, the CFI, the Block
Protection Status, the Configuration Register sta-
tus and the Security Code.
Read operation of the Memory Array may be per-
formed in asynchronous page mode or synchro-
nous burst mode. In asynchronous page mode
data is internally read and stored in a page buffer.
The page has a size of 4 words and is addressed
by ADQ0 and ADQ1 address inputs.
According to the device configuration the following
Read operations: Electronic Signature - Status
Register - CFI - Block Protection Status - Configu-
ration Register Status - Security Code must be ac-
cessed as asynchronous read or as single
synchronous burst mode (see Figure 4). Both Chip
Enable E and Output Enable G must be at VIL in
order to read the output of the memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com