Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD36RGB Datasheet(PDF) 1 Page - LightGraphix

Part # LD36RGB
Description  Lensed Surface Washer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD36RGB Datasheet(HTML) 1 Page - LightGraphix

  LD36RGB Datasheet HTML 1Page - LightGraphix LD36RGB Datasheet HTML 2Page - LightGraphix LD36RGB Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 2 June 2016
Data sheet - Page 1
LD36 RGB
High Power Linear RGB Lensed Surface Washer
LD36 RGB surface washer offers superb continuous wall washing capabilities, from a very compact product. The use of a single colour mix optic and a single RGB LED
allows for very effective near field colour mixing. It offers great flexibility to the designer with a range of options that suit most design details and applications.
Key Features
Specification
Single colour mix optic for very effective colour mixing
High power for wall washing
Uses the latest in LED technology with an RGB LED mixing at source
LED spacing is maintained across multiple lengths, so no dark spots!
4 fixing options are offered, which include a mini adjustable bracket, ideal for
coffers
IP40 as standard with an IP54 option for wet environments
Lengths are custom made to suit to a maximum of 975mm
Short pieces can be made interlinked to accommodate curves
Available with Switched, 0-10V, DMX or Dali drivers
-
-
-
-
-
-
-
-
-
Applications
Beam Angles
60°
LED type
Cree XML RGB
Colour temperature
RGB
Drive Current (mA)
350
LED power* (W)
3.6W (this is for a single RGB LED)
LED Colour
Red
Blue
Green
Total
Forward voltage (V)100
2.3V
3.3V
3.1V
8.7V
LED power / m (13 LEDs)
11.7W
15.6W
14.9W
42W
Lumen output lm/m (L100)
534
1015
163
1712
LED lifetime (to 70%
lumen maintenance)
50,000hrs at a max ambient temperature of 35°C
Materials
Silver or black anodised aluminium body, PMMA
acrylic lid, ABS end caps
Wiring
Comes pre-wired with 2m lead, can be specified
with up to 10m at extra cost
IP rating
IP40 (IP54 available)
*LED wattage includes losses associated with using an 85% efficient driver


Similar Part No. - LD36RGB

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD36 LIGHTGRAPHIX-LD36 Datasheet
4Mb / 4P
LED LINEAR WALL GRAZER
10 July 2024
More results

Similar Description - LD36RGB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1402A-RG MARKTECH-MT1402A-RG Datasheet
41Kb / 1P
Marktech Axial Leaded Lensed Version LEDs
logo
Agilent(Hewlett-Packard...
HSMA-L640 HP-HSMA-L640 Datasheet
174Kb / 8P
Surface Mount Lensed Chip LEDs
logo
List of Unclassifed Man...
3101 ETC2-3101 Datasheet
204Kb / 1P
NYLON SHOULDER WASHER
3200 ETC2-3200 Datasheet
201Kb / 1P
FLAT WASHER
48CW007 ETC2-48CW007 Datasheet
164Kb / 2P
Washer
W-1573 ETC2-W-1573 Datasheet
11Kb / 2P
WASHER
logo
Rosenberger Hochfrequen...
51Z121-000N ROSENBERGER-51Z121-000N Datasheet
36Kb / 1P
TOOTHED LOCK WASHER
logo
Switchcraft, Inc.
S4263 SWITCH-S4263 Datasheet
71Kb / 2P
INSULATING WASHER
logo
RAF ELECTRONIC HARDWARE
7103-AL RAF-7103-AL Datasheet
136Kb / 1P
WASHER FACE THUMB SCREWS
7112-SS RAF-7112-SS Datasheet
145Kb / 1P
WASHER FACE THUMB SCREWS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com