Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD36RGB Datasheet(PDF) 2 Page - LightGraphix

Part # LD36RGB
Description  Lensed Surface Washer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD36RGB Datasheet(HTML) 2 Page - LightGraphix

  LD36RGB Datasheet HTML 1Page - LightGraphix LD36RGB Datasheet HTML 2Page - LightGraphix LD36RGB Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 2 June 2016
Data sheet - Page 2
LD36 RGB
High Power Linear RGB Lensed Surface Washer
Custom made lengths
LED spacing maintained over multiple lengths
75 - 975mm
100
75
/BEM
Bracket End Mounting (max 1200mm length)
/BSM
Bracket Side Mounting
/ABM
Adjustable Bracket Mounting
26
30
22
35
15
25
3
12
25
3
39
23
30
91°
42
40
43
17.6
34
Cable entry is from the side as standard. With the adjustable brackets it is rear cable entry.
(Dimensions in mm)
/SC
Spring Clip Fixing
Fixing Options and Dimensions
White optic cover with silver extrusion and end caps
All black colour option
Product Colours



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com