Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD36RGB Datasheet(PDF) 3 Page - LightGraphix

Part # LD36RGB
Description  Lensed Surface Washer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix

LD36RGB Datasheet(HTML) 3 Page - LightGraphix

  LD36RGB Datasheet HTML 1Page - LightGraphix LD36RGB Datasheet HTML 2Page - LightGraphix LD36RGB Datasheet HTML 3Page - LightGraphix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
T +44 (0)1322 527 629
E light@lightgraphix.co.uk
www.lightgraphix.co.uk
LightGraphix reserve the right to change specifications without notice
Data sheet issued: 2 June 2016
Data sheet - Page 3
Use with 350mA constant current LED drivers
DMX dimmable driver use our TXDEL4A350DMX to run 975mm length (13 LEDs)
DALI dimmable driver use our TXDEL4A350DALI to run 975mm length (13 LEDs)
Please see the downloads section on our website
Accessory
Linear anti glare louvre (black)
/GL36
IP rating
IP40 (internal use as standard)
/IP40
IP54 rated for moist environments
/IP54
Fixing options
Spring clips
/SC
Bracket end mounting
/BEM
Bracket side mounting
/BSM
Adjustable bracket mounting
/ABM
Product colour
White or RAL - lens cover only (extrusion is silver anodised)
Black - end caps, lens cover and extrusion all black
Beam / lens angle options
60° wide
/WB
LD36 RGB
High Power Linear RGB Lensed Surface Washer
Product codes with output options
1.2W (3.6W) LED at 350mA
LD36 RGB
LED spacing
75mm
/75
Order Codes and Options
Around curves LD36 can be specified in smaller sections depending on the radius.
These are hard wired together so the LED spacing is maintained.
/GL36
Anti glare louvre. Please note this is always supplied in black finish
Linked sections
Accessories
Example: LD36 RGB / 75 / WB / White / ABM / IP40 / 975mm
Product
code
IP
rating
LED
spacing
Length
LD36 RGB
Fixing
option
Beam
angle
Cover
colour



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com