Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO6010 Datasheet(PDF) 2 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6010
Description  High-Efficiency 1.5MHz, 1A Continuous, 1.5A Peak Output Synchronous Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6010 Datasheet(HTML) 2 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6010 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DIO6010
www.dioo.com
© 2021 DIOO MICROCIRCUITS CO., LTD
DIO6010• Rev. 1.6
Pin Assignments
DFN2*2-6
SOT23-5
Figure 1
Pin Assignment (Top View)
Pin Definitions
Pin Name
Description
EN
Enable control. Pull high to turn on. Do not float.
GND
Power Ground
LX
Inductor pin. Connect this pin to the switching node of inductor.
IN
Power Input
FB
Output Feedback Pin. Connect this pin to the center point of the output resistor divider
(as shown in Figure 1) to program the output voltage:
VOUT=0.6*(1+R1/R2).Add optional C1 (10pF~47pF) to speed up the transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com