Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO6010 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6010 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6010
Download  DIO6010 Download
File Size   734.24 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 1.5MHz, 1A Continuous, 1.5A Peak Output Synchronous Step Down Converter

DIO6010 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6010 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6010
Download  DIO6010 Click to download

File Size   734.24 Kbytes
Page   12 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 1.5MHz, 1A Continuous, 1.5A Peak Output Synchronous Step Down Converter

DIO6010 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6010 Product details

Features
 Low RDS(ON) for internal switches (top/bottom)
230mΩ/170mΩ, 1.0A
 2.5-5.5V input voltage range
 40μA typical quiescent current
 High light load efficiency
 High switching frequency 1.5MHz minimizes
the external components
 Internal soft start limits the inrush current
 100% dropout operation
 Green package: DFN2*2-6, SOT23-5 is pin
compatible
Applications
 Portable Navigation Device
 Set Top Box
 USB Dongle
 Media Player
 Smart phone
Descriptions
The DIO6010 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 1A continuous output
currents. The DIO6010 family operate over a wide
input voltage range from 2.5V to 5.5V and
integrate main switch and synchronous switch
with very low RDS(ON) to minimize the conduction
loss.
Low output voltage ripple and small external
inductor and capacitor sizes are achieved with
greater than 1.5MHz switching frequency.




Similar Part No. - DIO6010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
DIO6011CD6 ETC1-DIO6011CD6 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
DIO6011CST5 ETC1-DIO6011CST5 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
logo
DIOO MICROCIRCUITS CO.,...
DIO6012 DIOO-DIO6012 Datasheet
1Mb / 13P
High-Efficiency 1 MHz, 2 A Output Synchronous Step Down Converter
Rev 2.0
DIO60120 DIOO-DIO60120 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
More results


Similar Description - DIO6010

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
logo
Unisonic Technologies
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com