Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO6010 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6010
Description  High-Efficiency 1.5MHz, 1A Continuous, 1.5A Peak Output Synchronous Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6010 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO6010 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6010 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 1.6
www.dioo.com
© 2021 DIOO MICROCIRCUITS CO., LTD
DIO6010• Rev. 1.6
DIO6010
High-Efficiency 1.5MHz, 1A Continuous, 1.5A Peak
Output Synchronous Step Down Converter
Features
Low RDS(ON) for internal switches (top/bottom)
230mΩ/170mΩ, 1.0A
2.5-5.5V input voltage range
40μA typical quiescent current
High light load efficiency
High switching frequency 1.5MHz minimizes
the external components
Internal soft start limits the inrush current
100% dropout operation
Green package: DFN2*2-6, SOT23-5 is pin
compatible
Applications
Portable Navigation Device
Set Top Box
USB Dongle
Media Player
Smart phone
Descriptions
The DIO6010 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 1A continuous output
currents. The DIO6010 family operate over a wide
input voltage range from 2.5V to 5.5V and
integrate main switch and synchronous switch
with very low RDS(ON) to minimize the conduction
loss.
Low output voltage ripple and small external
inductor and capacitor sizes are achieved with
greater than 1.5MHz switching frequency.
Function Block
Ordering Information
Order Part
Number
Top Marking
TA
Package
DIO6010CD6
6010
Green
-40 to 85°C
DFN2*2-6
Tape & Reel, 3000
DIO6010CST5
YWXE
Green
-40 to 85°C
SOT23-5
Tape & Reel, 3000


Similar Part No. - DIO6010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
DIO6011CD6 ETC1-DIO6011CD6 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
DIO6011CST5 ETC1-DIO6011CST5 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
logo
DIOO MICROCIRCUITS CO.,...
DIO6012 DIOO-DIO6012 Datasheet
1Mb / 13P
High-Efficiency 1 MHz, 2 A Output Synchronous Step Down Converter
Rev 2.0
DIO60120 DIOO-DIO60120 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
More results

Similar Description - DIO6010

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
1.5MHz, 1A High Efficiency Step-Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
1A, 1.5MHz Synchronous Step-Down Converter
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
logo
Unisonic Technologies
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com