Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103XC Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32F103XC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103XC Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32F103XC Datasheet HTML 66Page - STMicroelectronics STM32F103XC Datasheet HTML 67Page - STMicroelectronics STM32F103XC Datasheet HTML 68Page - STMicroelectronics STM32F103XC Datasheet HTML 69Page - STMicroelectronics STM32F103XC Datasheet HTML 70Page - STMicroelectronics STM32F103XC Datasheet HTML 71Page - STMicroelectronics STM32F103XC Datasheet HTML 72Page - STMicroelectronics STM32F103XC Datasheet HTML 73Page - STMicroelectronics STM32F103XC Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 118 page
background image
Electrical characteristics
STM32F103xC, STM32F103xD, STM32F103xE
70/118
Table 37.
Synchronous non-multiplexed PSRAM write timings(1)
1.
TBD = to be determined.
VDD_IO = V and CL = 15 pF
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FSMC_CLK period
TBD
-
ns
td(CLKH-NExL)
FSMC_CLK high to FSMC_NEx low (x = 0...2)
-
TBD
ns
td(CLKH-NExH)
FSMC_CLK high to FSMC_NEx high (x = 0...2)
x
-
ns
td(CLKH-NADVL)
FSMC_CLK high to FSMC_NADV low
-
TBD
ns
td(CLKH-NADVH)
FSMC_CLK high to FSMC_NADV high
TBD
-
ns
td(CLKH-AV)
FSMC_CLK high to FSMC_Ax valid (x = 16...25)
-
TBD
ns
td(CLKH-AIV)
FSMC_CLK high to FSMC_Ax invalid (x = 16...25)
TBD
-
ns
td(CLKH-NWEL)
FSMC_CLK high to FSMC_NWE low
-
TBD
ns
td(CLKH-NWEH)
FSMC_CLK high to FSMC_NWE high
TBD
-
ns
td(CLKH-NOEL)
FSMC_CLK high to FSMC_NOE low
-
TBD
ns
td(CLKH-NOEH)
FSMC_CLK high to FSMC_NOE high
TBD
-
ns
tsu(DV-CLKH)
FSMC_D[15:0] valid data before FSMC_CLK high
TBD
-
ns
th(CLKH-DV)
FSMC_D[15:0] valid data after FSMC_CLK high
TBD
-
ns
tv(Data-CLK)
FSMC_CLK high to FSMC_CLK valid
TBD
-
ns
th(CLKH-NWAITV) FSMC_NWAIT valid after FSMC_CLK high
TBD
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com