Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103XC Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32F103XC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103XC Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32F103XC Datasheet HTML 87Page - STMicroelectronics STM32F103XC Datasheet HTML 88Page - STMicroelectronics STM32F103XC Datasheet HTML 89Page - STMicroelectronics STM32F103XC Datasheet HTML 90Page - STMicroelectronics STM32F103XC Datasheet HTML 91Page - STMicroelectronics STM32F103XC Datasheet HTML 92Page - STMicroelectronics STM32F103XC Datasheet HTML 93Page - STMicroelectronics STM32F103XC Datasheet HTML 94Page - STMicroelectronics STM32F103XC Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 118 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Electrical characteristics
91/118
I2S - SPI characteristics
Unless otherwise specified, the parameters given in Table 51 for SPI or in Table 52 for I2S
are derived from tests performed under ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 9.
Refer to Section 5.3.13: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI and WS, CK, SD for I2S).
Table 51.
SPI characteristics(1) (2)
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
0
18
MHz
Slave mode
0
18
tr(SCK)
tf(SCK)
SPI clock rise and fall
time
Capacitive load: C = 30 pF
8
ns
tsu(NSS)
(3)
NSS setup time
Slave mode
tC(SCK)
th(NSS)
(3)
NSS hold time
Slave mode
0.5tC(SCK)
tw(SCKH)
(3)
tw(SCKL)
(3)
SCK high and low time
Master mode, fPCLK = 36 MHz, presc = 4
50
60
tsu(MI)
(3)
tsu(SI)
(3)
Data input setup time
Master mode
10
Slave mode
5
th(MI)
(3)
th(SI)
(3)
Data input hold time
Master mode, fPCLK = 36 MHz, presc = 4
15
Slave mode, fPCLK = 36 MHz, presc = 4
5
Master mode, fPCLK = TBD
TBD(4)
Slave mode, fPCLK = TBD
TBD(4)
ta(SO)
(3)(5)
Data output access time
Slave mode, fPCLK = 36 MHz, presc = 4
0
60
Slave mode, fPCLK = TBD
0
TBD
tdis(SO)
(3)(6)
Data output disable time Slave mode
5
TBD
tv(SO)
(3)(1)
Data output valid time
Slave mode (after enable edge),
fPCLK = 36 MHz, presc = 4
30
fPCLK = TBD
TBD
tv(MO)
(3)(1)
Data output valid time
Master mode (after enable edge),
fPCLK = 36 MHz, presc = 4
10
fPCLK = TBD
TBD
TBD
th(SO)
(3)
Data output hold time
Slave mode (after enable edge)
30
th(MO)
(3)
Master mode (after enable edge)
10
1.
TBD = to be determined.
2.
Remapped SPI1 characteristics to be determined.
3.
Values based on design simulation and/or characterization results, and not tested in production.
4.
Depends on fPCLK. For example, if fPCLK= 8MHz, then tPCLK = 1/fPLCLK =125 ns and tv(MO) = 255 ns.
5.
Min time is for the minimum time to drive the output and the max time is for the maximum time to validate the data.
6.
Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put the data in Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com