Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103XC Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32F103XC
Description  Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103XC Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32F103XC Datasheet HTML 104Page - STMicroelectronics STM32F103XC Datasheet HTML 105Page - STMicroelectronics STM32F103XC Datasheet HTML 106Page - STMicroelectronics STM32F103XC Datasheet HTML 107Page - STMicroelectronics STM32F103XC Datasheet HTML 108Page - STMicroelectronics STM32F103XC Datasheet HTML 109Page - STMicroelectronics STM32F103XC Datasheet HTML 110Page - STMicroelectronics STM32F103XC Datasheet HTML 111Page - STMicroelectronics STM32F103XC Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 118 page
background image
Package characteristics
STM32F103xC, STM32F103xD, STM32F103xE
108/118
Figure 57.
LFBGA100 - low profile fine pitch ball grid array package outline
Table 64.
LFBGA100 - low profile fine pitch ball grid array package mechanical data
Dim.
mm
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
1.700
0.0026
A1
0.270
0.0004
A2
1.085
0.0017
A3
0.30
0.0005
A4
0.80
0.0012
b
0.45
0.50
0.55
0.0007
0.0008
0.0009
D
9.85
10.00
10.15
0.0153
0.0155
0.0157
D1
7.20
0.0111
E
9.85
10.00
10.15
0.0153
0.0155
0.0157
E1
7.20
0.0111
e
0.80
0.0012
F
1.40
0.0022
ddd
0.12
0.0002
eee
0.15
0.0002
fff
0.08
0.0001
N (number of balls)
100
ai14396
A2 A4 A3
A1
A
Seating plane
B
A1 corner index area
(see note 5)
(100 balls)
Bottom view
123456789 10
F
E1
E
e
A
D
D1
e
F
K
J
H
G
F
E
D
C
B
A
ddd C
C
eee
fff
CA B
C
M
M
∅
∅
b
∅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com