Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4064 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC4064
Description  Low Power Consumption J-FET Input Quad Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4064 Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC4064 Datasheet HTML 1Page - Renesas Technology Corp UPC4064 Datasheet HTML 2Page - Renesas Technology Corp UPC4064 Datasheet HTML 3Page - Renesas Technology Corp UPC4064 Datasheet HTML 4Page - Renesas Technology Corp UPC4064 Datasheet HTML 5Page - Renesas Technology Corp UPC4064 Datasheet HTML 6Page - Renesas Technology Corp UPC4064 Datasheet HTML 7Page - Renesas Technology Corp UPC4064 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R03DS0153EJ0200 Rev.2.00
Page 1 of 7
Feb.21.25
Datasheet
UPC834, UPC4064
Low Power Consumption
J-FET Input Quad Operational Amplifiers
DESCRIPTION
The UPC834 and 4064 are low power consumption versions operational amplifier of UPC804 and 4084 series
with the general-purpose J-FET input. This revolutionary J-FET input operational amplifier realizes low power
consumption of ICC 800 μA TYP. and low voltage operation from ± 2 V. Owing to its J-FET input, the input
impedance is high. The AC characteristics are also greatly improved compared to the conventional low power
consumption operational amplifier. Therefore, it is ideal for application circuits such as amplifier circuits and
active filters in various battery-operated electronic devices.
Depending on the operating ambient temperature, UPC834 is suitable for communication application while
UPC4064 is suitable for general-purpose usage.
Along with this series of lineup, the dual type op-amp UPC832 and 4062 with same circuit configuration are
also available.
FEATURES
• Input Offset Voltage
±2 mV (TYP.)
• Input Bias Current
10 pA (TYP.)
• Slew Rate
3 V/μs (TYP.)
• Unity Gain Frequency
1 MHz (TYP.)
• Circuit Current
800 μA (TYP.)
• Operate from ±2 V
• Built-In Phase Compensation Circuit
• Built-In Output Short Circuit Protection
• Standard Quad op-amp terminal connection (pin compatible)
ORDERING INFORMATION
Order Name (1)
Package
UPC834G2-AP
14-Pin plastic SOP ( 5.72 mm (225 mil ))
UPC4064G2-AP
14-Pin plastic SOP ( 5.72 mm (225 mil ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.
EQUIVALENT CIRCUIT (1/4 Circuit)
PIN CONFIGURATION (Top View)
Q20
Q16
R1
R4
R9
R5
R6
R2
R3
R10
R7
R8
Q1
Q2
Q3
Q4
Q5
Q9
Q8
Q6
Q7
Q13
Q10
Q12
Q11
Q14
Q15
Q17
Q19
Q18
C1
IN
II
OUT
V +
V -
UPC834G2, UPC4064G2


Similar Part No. - UPC4064

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4064 NEC-UPC4064 Datasheet
288Kb / 10P
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
logo
Renesas Technology Corp
UPC4064 RENESAS-UPC4064 Datasheet
262Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC4064C NEC-UPC4064C Datasheet
288Kb / 10P
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
logo
Renesas Technology Corp
UPC4064C RENESAS-UPC4064C Datasheet
262Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC4064G2 NEC-UPC4064G2 Datasheet
288Kb / 10P
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
More results

Similar Description - UPC4064

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064 Datasheet
113Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Oct-1997
TL074 STMICROELECTRONICS-TL074 Datasheet
108Kb / 11P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
Mar-2001
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
J-FET Input Dual Operational Amplifiers
logo
Hitachi Semiconductor
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
J-FET Input Operational Amplifiers
logo
STMicroelectronics
TL064 STMICROELECTRONICS-TL064_01 Datasheet
237Kb / 10P
LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS
Nov-2001
logo
Renesas Technology Corp
PC4064 RENESAS-PC4064_15 Datasheet
262Kb / 11P
J-FET INPUT LOW-POWER QUAD OPERATIONAL AMPLIFIER
logo
Leshan Radio Company
LR074 LRC-LR074 Datasheet
991Kb / 5P
LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM062C NJRC-NJM062C Datasheet
4Mb / 21P
LOW-POWER J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com