Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0202-N24-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # PA0202-N24-R
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA0202-N24-R Datasheet(HTML) 5 Page - Unisonic Technologies

  PA0202-N24-R Datasheet HTML 1Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 2Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 3Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 4Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 5Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 6Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 7Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 8Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PA0202
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 11
www.unisonic.com.tw
QW-R502-106,A
AC OPERATING CHARACTERISTICS
VDD = 5 V, TA = 25 , R
℃
L = 3Ω
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD =0.2% BTL
2
Output Power (Each Channel) See
Note 2
POUT
THD =1%
BTL
2.2
W
POUT = 2 W, f = 20 ~20 kHz
200
m%
Total
Harmonic
Distortion
Plus
Noise
TDH+N
VIN = 1V, RL=10KΩ, AV=1V/V
100
m%
Maximum Output Power Bandwidth
BW
AV = 10 V/V ,THD < 1 %,
>20
KHz
Phase Margin
RL = 4 Ω, Open Loop,
85°
f = 1 kHz
80
Supply Ripple Rejection Ratio
RR
f = 20~20kHz,
60
dB
Mute Attenuation
85
dB
Channel-to-Channel Output
Separation
f = 1 kHz
85
dB
Line/HP Input Separation
100
dB
BTL Attenuation in SE Mode
100
dB
Input Impedance
ZIN
2
MΩ
Signal-to-Noise Ratio
POUT =500mW, BTL
95
dB
Output Noise Voltage
eN
21
µV(RMS)
VDD = 3.3 V, TA = 25 , R
℃
L = 3Ω
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD =0.2% BTL
800
Output Power ( Each Channel) See
Note 2
POUT
THD =1%
BTL
900
mW
POUT = 800mW, f = 20 ~20 kHz
350
m%
Total
Harmonic
Distortion
Plus
Noise
TDH+N
VIN = 1V, RL=10KΩ, AV=1V/V
200
m%
Maximum Output Power Bandwidth
BW
AV = 10 V/V, THD < 1 %,
>20
KHz
Phase Margin
RL = 4 Ω, Open Loop
85°
f = 1 kHz
70
Supply Ripple Rejection Ratio
RR
f = 20~20kHz,
55
dB
Mute Attenuation
85
dB
Channel-to-Channel Output
Separation
f = 1 kHz
85
dB
Line/HP Input Separation
100
dB
BTL Attenuation in SE Mode
100
dB
Input Impedance
ZIN
2
MΩ
Signal-to-Noise Ratio
POUT =500mW, BTL
95
dB
Output Noise Voltage
eN
21
µV(RMS)
Note 2. Output power is measured at the output terminals of the IC at 1 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com