Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0202-N24-R Datasheet(PDF) 9 Page - Unisonic Technologies

Part # PA0202-N24-R
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA0202-N24-R Datasheet(HTML) 9 Page - Unisonic Technologies

Back Button PA0202-N24-R Datasheet HTML 3Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 4Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 5Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 6Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 7Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 8Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 9Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 10Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PA0202
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
9 of 11
www.unisonic.com.tw
QW-R502-106,A
TYPICAL CHARACTERISTICS(Cont.)
1
100
20
100
1K
10K
Output Noise Voltage vs Frequency
10
Frequency, f (Hz)
20K
VDD=5V
BW=22Hz~22KHz
RL=4Ω
VOUT BTL
VOUT +
VOUT -
-100
-70
-20
0
20
100
1K
10K
Supply Ripple Rejection Ratiovs
Frequency
-90
-60
-40
Frequency, f (Hz)
20K
-80
-50
-30
-10
VDD=3.3V
VDD=5V
RL=4Ω
CB=4.7µF
BTL
-100
-70
-20
0
20
100
1K
10K
Supply Ripple Rejection Ratiovs
Frequency
-90
-60
-40
Frequency, f (Hz)
20K
-80
-50
-30
-10
VDD=3.3V
VDD=5V
RL=4Ω
CB=4.7µF
SE
-120
-80
-60
-40
20
100
1K
10K
Crosstalk vs Frequency
-110
-90
-70
Frequency, f (Hz)
20K
LEFT TO RIGHT
RIGHT TO LEFT
-80
-50
VDD=5V
POUT=1.5W
RL=4Ω
BTL
-120
-80
-60
-40
20
100
1K
10K
Crosstalk vs Frequency
-110
-90
-70
Frequency, f (Hz)
20K
LEFT TO RIGHT
-80
-50
RIGHT TO LEFT
VDD=5V
POUT=75mW
RL=32Ω
SE
0
2
7
10
20 100
1K
10K
Closed-Loop Response
1
5
6
Frequency, f (Hz)
1M
3
8
100K
0
-45
-225
-270
4
9
-180
-135
-90
VDD=5V
POUT=1.5W
AV=-2V/V
BTL
Phase
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com