Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0202-N24-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA0202-N24-R
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA0202-N24-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button PA0202-N24-R Datasheet HTML 2Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 3Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 4Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 5Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 6Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 7Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 8Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 9Page - Unisonic Technologies PA0202-N24-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PA0202
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 11
www.unisonic.com.tw
QW-R502-106,A
TYPICAL APPLICATION CIRCUIT
RLINEIN
RHPIN
RBYPASS
MUTE IN
MUTE OUT
SHUTDOWN
LBYPASS
LHPIN
LLINEIN
LOUT-
LOUT+
LVDD
HP/LINE
SE/BTL
RVDD
ROUT-
ROUT+
CIR
1
RIR
10K
CB
1μF
System
Control
NC
RIL
10K
CIL
1
RFL
50K
CFL
5pF
COUTL
330
1K
1KΩ
COUTR
330
VDD
100K
CS
0.1
( see Note )
100K
VDD
0.1
0. 1 µ F ceramic capacitor should be placed as close as possible to the IC. For filtering lower
-
frequency noise signals, a larger aluminum electrolytic capacitor of10 µF or greater should be
placed near the audio power amplifier.
Bias,
Thermal
Shutdown
PA0202 Minimum Configuration Application Circuit
NC
CFR
5pF
RFR
50K
Logic
Control
Right
MUX
Left
MUX
μ
F
μ
F
μ
F
μ
F
μ
F
μ
F
Note :



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com