Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA20FBT Datasheet(PDF) 8 Page - Clarke International

Part # CSA20FBT
Description  20 TONNE HYDRAULIC PRESS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSA20FBT Datasheet(HTML) 8 Page - Clarke International

Back Button CSA20FBT Datasheet HTML 4Page - Clarke International CSA20FBT Datasheet HTML 5Page - Clarke International CSA20FBT Datasheet HTML 6Page - Clarke International CSA20FBT Datasheet HTML 7Page - Clarke International CSA20FBT Datasheet HTML 8Page - Clarke International CSA20FBT Datasheet HTML 9Page - Clarke International CSA20FBT Datasheet HTML 10Page - Clarke International CSA20FBT Datasheet HTML 11Page - Clarke International CSA20FBT Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PREPARATION FOR USE
1. Insert the pump handle into the
actuating lever.
2. Purge any air from the system by
opening the release valve
(turning the control knob anti-
clockwise) and pumping several
full strokes to eliminate any air
bubbles. Close the valve using the
control knob (clockwise).
POSITIONING THE BED
IMPORTANT: Due to the weight of the bed, we recommend that you get
assistance from another person when adjusting the bed height.
1. Position the bed so that it will be as close as possible to the ram when the
workpiece is mounted on it.
2. Raise one side of the bed and insert a bed supporting pin into the next
locating hole.
3. Repeat at the other end to level the bed.
4. Repeat until the bed is at the required height, with the bed supporting pins
secured by the spring clips.
POSITIONING THE RAM
1. Loosen the locking bolts and
position the ram as required by
sliding the carriage along the
cross-beam.
2. Lock it in position with the locking
bolts.
•
Always position the ram
directly above the workpiece
and do not position it outside
the range indicated by the
maximum travel limit labels.
CAUTION: THE BED HEIGHT SHOULD ONLY BE RAISED OR LOWERED ONE
HOLE AT A TIME, WORKING ALTERNATELY FROM ONE SIDE AND THEN THE
OTHER, FAILURE TO WORK IN THIS WAY MAY CAUSE THE BED TO FALL
AND CAUSE INJURY TO THE OPERATOR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com