Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA20FBT Datasheet(PDF) 17 Page - Clarke International

Part # CSA20FBT
Description  20 TONNE HYDRAULIC PRESS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSA20FBT Datasheet(HTML) 17 Page - Clarke International

Back Button CSA20FBT Datasheet HTML 12Page - Clarke International CSA20FBT Datasheet HTML 13Page - Clarke International CSA20FBT Datasheet HTML 14Page - Clarke International CSA20FBT Datasheet HTML 15Page - Clarke International CSA20FBT Datasheet HTML 16Page - Clarke International CSA20FBT Datasheet HTML 17Page - Clarke International CSA20FBT Datasheet HTML 18Page - Clarke International CSA20FBT Datasheet HTML 19Page - Clarke International CSA20FBT Datasheet HTML 20Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
PUMP COMPONENT PARTS (CONT)
TECHNICAL SPECIFICATIONS
PART NO DESCRIPTION
PART NO DESCRIPTION
P17
Spring washer 6
P28
Ball valve
P18
Bolt M6x10
P29
Spring
P19
Release valve control knob
P30
Ball valve
P20
O-ring
P31
Screw M12x1.25x10
P21
Ball valve 6
P32
Angle coupling block
P22
Copper washer
P33
O-ring
P23
Pump body
P34
O-ring
P24
J-ring
P35
O-ring
P25
Actuating lever
P36
O-ring
P26
Pin
P37
Piston rod
P27
R-clip
Rated Load
20 Tonne
Ram Travel (total movement)
250 mm
Ram Shaft Diameter
48 mm
Net Weight
115 kg
Dimensions D x W x H
700 x 723 (exc pump) x 1770 mm
Throat Width
540 mm
Throat Depth (Ram to pressing plate)
Platform at highest;- 0 mm
Platform at middle;- 360 mm
Platform at lowest;- 840 mm
Ram travel per stroke
1.04 mm
No of strokes to full extension
230
Pressure Gauge type
Oil Filled (Accuracy class 2.5)
Length of Handle
620 mm
Pump Oil Capacity
1000mL (SAE10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com