Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA20FBT Datasheet(PDF) 3 Page - Clarke International

Part # CSA20FBT
Description  20 TONNE HYDRAULIC PRESS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSA20FBT Datasheet(HTML) 3 Page - Clarke International

  CSA20FBT Datasheet HTML 1Page - Clarke International CSA20FBT Datasheet HTML 2Page - Clarke International CSA20FBT Datasheet HTML 3Page - Clarke International CSA20FBT Datasheet HTML 4Page - Clarke International CSA20FBT Datasheet HTML 5Page - Clarke International CSA20FBT Datasheet HTML 6Page - Clarke International CSA20FBT Datasheet HTML 7Page - Clarke International CSA20FBT Datasheet HTML 8Page - Clarke International CSA20FBT Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SAFETY PRECAUTIONS
•
Due to the weight of the press, the help of an assistant will be beneficial
during assembly and installation.
•
Always operate the press with adequate light.
•
Before starting work, check for signs of cracked welds, loose or missing
bolts, or any other structural damage. Do not operate if any of these
conditions exist. Have repairs made only by authorised service centre.
•
Before work, always ensure that hydraulic hoses and couplings are
completely sound.
•
Never tamper with the press components. The safety valve is calibrated
and sealed at the factory; do not attempt to change the setting.
•
Use only the recommended hydraulic oil.
•
The components of this press are designed to withstand the rated
capacity. Do not substitute any other components or exceed the rated
capacity of the press.
•
Before applying pressure, always ensure the workpiece is firmly secure
and stable.
•
Always clean up spills of hydraulic oil immediately as this can be
dangerous in a workshop environment.
•
Do not allow any person who is unfamiliar with hydraulic presses to use
the press unless they are under direct supervision.
•
Do not stand directly in front of the press when it is in use.
•
Always apply the load under the centre of the ram. Offset loads can
damage the ram and may cause the work piece to be ejected.
•
Always ensure the work piece is properly supported by the press bed.
•
When using accessories such as pressing plates, be certain they are
centered below the ram and are in full contact with the bed.
•
Parts being pressed may shatter or be ejected from the press. In the
case of varied applications, it is your responsibility to always use
adequate guards, and wear eye protection and protective clothing
when using this press.
•
Keep hands and fingers away from parts that may pinch or shift.
•
Never use extension tubes to increase the length of the pump handle.
Excessive effort can cause damage and/or accidents.
•
Failure to heed these warnings may result in damage to the equipment,
or serious personal injury.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com