Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4744G2-AP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # UPC4744G2-AP
Description  Single Power Supply, High Speed, Wide Band, Quad Operational Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4744G2-AP Datasheet(HTML) 1 Page - Renesas Technology Corp

  UPC4744G2-AP Datasheet HTML 1Page - Renesas Technology Corp UPC4744G2-AP Datasheet HTML 2Page - Renesas Technology Corp UPC4744G2-AP Datasheet HTML 3Page - Renesas Technology Corp UPC4744G2-AP Datasheet HTML 4Page - Renesas Technology Corp UPC4744G2-AP Datasheet HTML 5Page - Renesas Technology Corp UPC4744G2-AP Datasheet HTML 6Page - Renesas Technology Corp UPC4744G2-AP Datasheet HTML 7Page - Renesas Technology Corp UPC4744G2-AP Datasheet HTML 8Page - Renesas Technology Corp UPC4744G2-AP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R03DS0137EJ0200 Rev.2.00
Page 1 of 10
Feb.14.25
Datasheet
UPC844, UPC4744
Single Power Supply, High Speed, Wide Band,
Quad Operational Amplifiers
DESCRIPTION
UPC844 and UPC4744 are high-speed version of the single-power general-purpose operational amplifier
UPC451, UPC324, realizing high-speed response and high stability. By adopting a high speed PNP transistor
circuit, various characteristics such as slew rate and gain bandwidth are improved, as compared to UPC451
and UPC324, the load capacity stability is also improved, with no crossover distortion.
It can be used widely for various application circuits such as single power supply AC amplifier, active filter, line
driver, amplifier for light receiving element, etc.
Depending on the usage and operating ambient temperature range, the UPC844 is designed for extended
temperature and suited for wide operating ambient temperature application, and UPC4744 is design for
general purposes. Along with this series of lineup, the dual type operational amplifier, UPC842, UPC4742 with
the same circuit configuration are also available.
FEATURES
• Slew Rate (AV = 1 )
7 V/µs (TYP.) (V + = +5 V, V - = GND)
• Gain Bandwidth Product (f = 100 kHz)
3.5 MHz (TYP.)
• Input Offset Voltage
±2 mV (TYP.)
• Input Offset Current
±6nA (TYP.)
• Operating Ambient Temperature
UPC844G2
: TA = -40 ~ +85 °C, UPC4744G2
: TA = -20 ~ +80 °C
UPC844GR-9LG : TA = -40 ~ +125 °C, UPC4744GR-9LG : TA = -40 ~ +85°C
• Stability to capacitive load (Capacitive load, 1000 pF)
• Build-in phase correction circuit.
• Built-in output short-circuit protection circuit.
• Standard pin (pin compatible) configuration of a quad operational amplifier.
ORDERING INFORMATION
Order Name (1)
Selected Grade
Package
UPC844G2-AP
Standard
14-pin plastic SOP ( 5.72 mm ( 225 ))
UPC4744G2-AP
Standard
14-pin plastic SOP ( 5.72 mm ( 225 ))
UPC844GR-9LG-A
Standard
14-pin plastic TSSOP ( 5.72 mm ( 225 ))
UPC4744GR-9LG-A
Standard
14-pin plastic TSSOP ( 5.72 mm ( 225 ))
(1) Order names containing E1 or E2 indicate that the packaging format is embossed taping.
Pin 1 of E1 is on draw-out side, and pin 1 of E2 is at take-up side.
PIN CONFIGURATION (Top View)
1
+
-
1
OUT1
11 V -
2
II1
3
IN1
4
V +
14 OUT4
13 II4
12 IN4
4
-
+
3
2
7
OUT2
6
II2
5
IN2
8 OUT3
9 II3
10 IN3


Similar Part No. - UPC4744G2-AP

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4744G2 NEC-UPC4744G2 Datasheet
86Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC4744G2 RENESAS-UPC4744G2 Datasheet
238Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1998
More results

Similar Description - UPC4744G2-AP

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4742 NEC-UPC4742 Datasheet
84Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC4744 NEC-UPC4744 Datasheet
86Kb / 12P
SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
Mitsubishi Electric Sem...
M5224P MITSUBISHI-M5224P Datasheet
177Kb / 5P
QUAD SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
logo
NEC
UPC844 NEC-UPC844 Datasheet
454Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC842GR-9LG NEC-UPC842GR-9LG Datasheet
203Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC844GR-9LG NEC-UPC844GR-9LG Datasheet
204Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC451 RENESAS-UPC451 Datasheet
632Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC451A RENESAS-UPC451A Datasheet
595Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
UPC842A RENESAS-UPC842A Datasheet
638Kb / 9P
Single Power Supply, High Speed, Wide Band, Dual Bipolar Operational Amplifier
2018.12.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com