Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECSS3 Datasheet(PDF) 5 Page - Clarke International

Part # ECSS3
Description  ELECTRIC CHAINSAW SHARPENER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

ECSS3 Datasheet(HTML) 5 Page - Clarke International

  ECSS3 Datasheet HTML 1Page - Clarke International ECSS3 Datasheet HTML 2Page - Clarke International ECSS3 Datasheet HTML 3Page - Clarke International ECSS3 Datasheet HTML 4Page - Clarke International ECSS3 Datasheet HTML 5Page - Clarke International ECSS3 Datasheet HTML 6Page - Clarke International ECSS3 Datasheet HTML 7Page - Clarke International ECSS3 Datasheet HTML 8Page - Clarke International ECSS3 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ADDITIONAL SAFETY INSTRUCTIONS FOR
CHAINSAW SHARPENERS
1. WARNING: Sharp edges on blade/chain.
2. Remember that the wheel continues to rotate after the tool is switched off.
3. ALWAYS wear safety eye protection when using the sharpener.
4. The sharpener is designed for sharpening the majority of common chainsaw
chains. DO NOT use it for any other purpose.
5. DO NOT sharpen damaged chainsaw chains.
6. ALWAYS make sure the sharpener is firmly fixed to a workbench before use.
7. DO NOT operate the sharpener without the protective cover in place and make
sure that all parts are firmly assembled before starting the sharpener.
8. DO NOT operate the sharpener if it does not work correctly or has been
damaged.
SPECIFICATIONS
Operating Voltage:
230 V @ 50 Hz
Nominal Power
85 Watts
Protection Class
II
IP Rating
IP20
Motor Speed
5800 rpm
Grinding Wheel Speed Rating
40 m/s, 7074 rpm
Disc Dimensions
108 mm (Diameter) x 3.2 mm (Thick)
Arbor/Bore Diameter
23 mm
Sharpening Angle
35° Right to Left
Dimensions (W x D x H)
180 x 230 x 320 mm
Weight (kg)
2 kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com