Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECSS3 Datasheet(PDF) 8 Page - Clarke International

Part # ECSS3
Description  ELECTRIC CHAINSAW SHARPENER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

ECSS3 Datasheet(HTML) 8 Page - Clarke International

Back Button ECSS3 Datasheet HTML 4Page - Clarke International ECSS3 Datasheet HTML 5Page - Clarke International ECSS3 Datasheet HTML 6Page - Clarke International ECSS3 Datasheet HTML 7Page - Clarke International ECSS3 Datasheet HTML 8Page - Clarke International ECSS3 Datasheet HTML 9Page - Clarke International ECSS3 Datasheet HTML 10Page - Clarke International ECSS3 Datasheet HTML 11Page - Clarke International ECSS3 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ASSEMBLY
1. Insert the chain holder
assembly into the base as
shown and secure from
below using the Locking
Wheel supplied.
• Make sure the pointer is
positioned pointing
forwards (away from the
grinding wheel).
2. Bolt (bolts not included) the
unit directly to the
workbench through the two
1/4” holes in the base. Making sure the Locking Wheel is overhanging the edge of
the workbench, with enough room to turn it.
• The workbench must have a solid surface capable of supporting the weight of
the sharpener and the work piece.
OPERATION
NOTE: Sharpen all the teeth on one side first (every other tooth) before
adjusting the angle to complete the job.
NOTE: ALWAYS raise the Top Housing while adjusting the chain.
1. Put on protective goggles and make sure the immediate area is clear of
bystanders.
2. Clean the chain before sharpening it. Wash it with a non-flammable solvent. DO
NOT use petrol or diesel. Dry the chain.
WARNING: MAKE SURE THE SHARPENER IS NOT CONNECTED TO
THE MAINS POWER SUPPLY DURING SETUP.
WARNING: NEVER OPERATE THE TOOL WITHOUT THE GRINDING
WHEEL COVER IN PLACE.
WARNING: WHEN SHARPENING, ALWAYS WEAR SAFETY GOGGLES.
WARNING: ALWAYS SWITCH OFF THE TOOL WHEN ADJUSTING THE
CHAIN FOR SHARPENING.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com