Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECSS3 Datasheet(PDF) 14 Page - Clarke International

Part # ECSS3
Description  ELECTRIC CHAINSAW SHARPENER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

ECSS3 Datasheet(HTML) 14 Page - Clarke International

Back Button ECSS3 Datasheet HTML 10Page - Clarke International ECSS3 Datasheet HTML 11Page - Clarke International ECSS3 Datasheet HTML 12Page - Clarke International ECSS3 Datasheet HTML 13Page - Clarke International ECSS3 Datasheet HTML 14Page - Clarke International ECSS3 Datasheet HTML 15Page - Clarke International ECSS3 Datasheet HTML 16Page - Clarke International ECSS3 Datasheet HTML 17Page - Clarke International ECSS3 Datasheet HTML 18Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CLEANING AND MAINTENANCE
1. Keep the tool clean and free of dust, metal debris and dirt.
NOTE: NEVER clean the tool with any flammable liquid.
2. Check the grinding wheel before each use to make sure it isn’t damaged. DO NOT
use a grinding wheel if it is chipped, cracked or worn. You can check if the wheel
has cracks not visible to the human eye by hanging it up by the central hole and
tapping it with a non metallic object (ie a screwdriver handle). If it is in a good
condition it will produce a metallic sound. A dull sound indicates a crack or break.
3. Replace the grinding wheel when it grinds down to a diameter of 3 inches/7.62cm.
• Replacement discs are available from your CLARKE dealer: part number
(3402079).
MOUNTING A GRINDING WHEEL
1. Turn off the sharpener and
remove the power cable
from the power socket.
2. Lay the sharpener on its
side.
3. Remove the three screws
that are holding the Grinding
Wheel Cover and set aside.
Remove the Grinding Wheel
Cover.
WARNING: BEFORE STARTING ANY CLEANING OR MAINTENANCE
PROCEDURES, DISCONNECT THE PLUG FROM MAINS SUPPLY.
WARNING: NEVER OPERATE THE SHARPENER WITHOUT THE
GRINDING WHEEL COVER IN PLACE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com