Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS16 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74LS16
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LS16 Datasheet(HTML) 4 Page - Texas Instruments

  74LS16 Datasheet HTML 1Page - Texas Instruments 74LS16 Datasheet HTML 2Page - Texas Instruments 74LS16 Datasheet HTML 3Page - Texas Instruments 74LS16 Datasheet HTML 4Page - Texas Instruments 74LS16 Datasheet HTML 5Page - Texas Instruments 74LS16 Datasheet HTML 6Page - Texas Instruments 74LS16 Datasheet HTML 7Page - Texas Instruments 74LS16 Datasheet HTML 8Page - Texas Instruments 74LS16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54LS06, SN74LS06, SN74LS16
HEX INVERTER BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS020E − MAY 1990 − REVISED FEBRUARY 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
MAX
UNIT
tPLH
A
Y
RL = 110 Ω,
CL = 15 pF
7
15
ns
tPHL
A
Y
RL = 110 Ω,
CL = 15 pF
10
20
ns
The SN74LS16 is obsolete
and is no longer supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com