Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS16 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74LS16
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LS16 Datasheet(HTML) 3 Page - Texas Instruments

  74LS16 Datasheet HTML 1Page - Texas Instruments 74LS16 Datasheet HTML 2Page - Texas Instruments 74LS16 Datasheet HTML 3Page - Texas Instruments 74LS16 Datasheet HTML 4Page - Texas Instruments 74LS16 Datasheet HTML 5Page - Texas Instruments 74LS16 Datasheet HTML 6Page - Texas Instruments 74LS16 Datasheet HTML 7Page - Texas Instruments 74LS16 Datasheet HTML 8Page - Texas Instruments 74LS16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN54LS06, SN74LS06, SN74LS16
HEX INVERTER BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS020E − MAY 1990 − REVISED FEBRUARY 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO (see Notes 1 and 2): SN54LS06, SN74LS06
30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74LS16
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DB package
96
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
80
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NS package
76
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. This is the maximum voltage that should be applied to any output when it is in the off state.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 4)
SN54LS06
SN74LS06
SN74LS16
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VOH
High-level output voltage
’LS06
30
30
V
VOH
High-level output voltage
SN74LS16
15
V
IOL
Low-level output current
30
40
mA
TA
Operating free-air temperature
−55
125
0
70
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS‡
SN54LS06
SN74LS06
SN74LS16
UNIT
PARAMETER
TEST CONDITIONS‡
MIN
TYP§
MAX
MIN
TYP§
MAX
UNIT
VIK
VCC = MIN,
II = −12 mA
−1.5
−1.5
V
IOH
VCC = MIN,
VIL = 0.8 V
’LS06,
VOH = 30 V
0.25
0.25
mA
IOH
VCC = MIN,
VIL = 0.8 V
SN74LS16,
VOH = 15 V
0.25
mA
IOL = 16 mA
0.25
0.4
0.25
0.4
VOL
VCC = MIN,
VIH = 2 V
IOL = 30 mA
0.7
V
VOL
VCC = MIN,
VIH = 2 V
IOL = 40 mA
0.7
V
II
VCC = MAX,
VI = 7 V
1
1
mA
IIH
VCC = MAX,
VI = 2.4 V
20
20
µA
IIL
VCC = MAX,
VI = 0.4 V
−0.2
−0.2
mA
ICCH
VCC = MAX
18
18
mA
ICCL
VCC = MAX
60
60
mA
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
§ All typical values are at VCC = 5 V, and TA = 25°C.
The SN74LS16 is obsolete
and is no longer supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com