Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS16 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74LS16
Description  HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LS16 Datasheet(HTML) 2 Page - Texas Instruments

  74LS16 Datasheet HTML 1Page - Texas Instruments 74LS16 Datasheet HTML 2Page - Texas Instruments 74LS16 Datasheet HTML 3Page - Texas Instruments 74LS16 Datasheet HTML 4Page - Texas Instruments 74LS16 Datasheet HTML 5Page - Texas Instruments 74LS16 Datasheet HTML 6Page - Texas Instruments 74LS16 Datasheet HTML 7Page - Texas Instruments 74LS16 Datasheet HTML 8Page - Texas Instruments 74LS16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN54LS06, SN74LS06, SN74LS16
HEX INVERTER BUFFERS/DRIVERS
WITH OPENCOLLECTOR HIGHVOLTAGE OUTPUTS
SDLS020E − MAY 1990 − REVISED FEBRUARY 2004
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic diagram (positive logic)
1A
2A
3A
4A
5A
6A
1Y
2Y
3Y
4Y
5Y
6Y
1
3
5
9
11
13
2
4
6
8
10
12
Pin numbers shown are for the D, DB, J, N, and NS packages.
schematic (each gate)
Input
VCC
Output
GND
9 k
Ω
1 k
Ω
2 k
Ω
2 k
Ω
2.5 k
Ω
2.5 k
Ω
15 k
Ω
Resistor values shown are nominal.
The SN74LS16 is obsolete
and is no longer supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com