Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT86SMX Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT86SMX
Description  ideal for high density packing and automatic placement on circuit boards
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT86SMX Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT86SMX Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Symbol
Condition
Fundamental
3rd Overtone
Please specify
-10°C ~ +60°C ( -40°C~+85°C available)
Please specify
Please specify
@25°C
Please specify
DC 100V±15V
@25°C ±3°C
Compact in size, the Surface Mount, plastic packaged ACT86SMX is ideal for high density packing and
automatic placement on circuit boards. The device has, as its core, a heat resisting cylinder type crystal
which makes full use of AT cut crystal characteristics. This device can be used in a variety of applications
such as Communications, Audio Visual, Measurement and Portable Equipments. The footprint is an industry
standard layout and is compatible with other popular plastic crystals in this package.
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Customer to specify : Frequency, Frequency Tolerance, Temperature Stability, Operating Temperature Range, Load Capacitance
ISO9001:2000 Registered
For quotations or further information please contact us at:
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
100
80
Fundamental
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Please note that all parameters can not necessarily be specified in the same device
Fundamental
Fundamental
3rd Overtone
3rd Overtone
ESR (
Ω) max
Mode
Fundamental
200
150
100
±5ppm
IR
36.00
≤ fo ~<70.00
10.00
≤ fo ~<36.00
30.00
≤ fo ~<36.00
Frequency (MHz)
50
3.50
≤ fo ~ <4.00
4.00
≤ fo ~ <6.00
6.00
≤ fo ~ <10.00
Frequency Tolerance @25°C
Tstg
50 ~ 100
μ W
500M
Ω Min
fo
Δf/fo
30MHz ~ 70MHz
Aging (First Year)
Fa
Insulation Resistance
3.5MHz ~ 32MHz
±30ppm & 50ppm
DL max
Topr
Drive Level
C0
Cl
ACT86SMX
Specification
Specification
Equivalent Series Resistance
Temp Storage Range
Stability over Temp Range
Temp Operating Range
10 ~ 32pF & SR
ESR
Tc
Load Capacitance
±50ppm ( ±30ppm option for 6.00MHz & over)
Parameter
Frequency Range
Shunt Capacitance
-55°C ~ +125°C
See table below
7pF max
#4
#3
#2
#1
7.6
9.4
0.8
0.8
Suggested Footprint
12.5 max
1.8
1.8
1.7
1.8
1.8
1.0
3.7 max
4.6 max
Dimensions in m m
M
L
REEL DIMENSIONS ( Units :mm )
TAPE DIMENSIONS ( Units :mm )
TAPE AND REEL SPECIFICATIONS (Standard Reel Size 1kpcs)
Device Orientation
Issue:6 M4 C1E
Date:21-11-2006
Pad Surface Finish
95Sn/5Cu
Recommended Reflow Profile
Dimensions


Similar Part No. - ACT86SMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ACT86 TI-ACT86 Datasheet
514Kb / 15P
QUADRUPLE 2-INPUT EXCLUSIVE-OR GATES
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
Active-Semi, Inc
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
776Kb / 50P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600QJ162-T ACTIVE-SEMI-ACT8600QJ162-T Datasheet
776Kb / 50P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
More results

Similar Description - ACT86SMX

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT225SMX-4 ACT-ACT225SMX-4 Datasheet
168Kb / 2P
ideal for fitting on high density boards
16/0305
ACT631SMX-2 ACT-ACT631SMX-2 Datasheet
59Kb / 2P
crystal suitable for automatic placement on printed circuit boards.
16/08/04
ACT631SMX-4 ACT-ACT631SMX-4 Datasheet
358Kb / 3P
crystal suitable for automatic placement on printed circuit boards.
01/11/2005
ACT225SMX-4 ACT-ACT225SMX-4_12 Datasheet
393Kb / 2P
ideal for fitting on high density boards
31-10-2012
ACT631SMX-4 ACT-ACT631SMX-4_12 Datasheet
281Kb / 2P
crystal suitable for automatic placement on printed circuit boards
31-5-2012
logo
Abracon Corporation
ABS06-107-32768KHZ-T ABRACON-ABS06-107-32768KHZ-T Datasheet
884Kb / 5P
0.6mm max. height ideal for high density circuit boards
07.11.13
logo
GeneSiC Semiconductor, ...
KBU1004 GENESIC-KBU1004 Datasheet
298Kb / 3P
Ideal for printed circuit boards
KBU1010 GENESIC-KBU1010 Datasheet
299Kb / 3P
Ideal for printed circuit boards
logo
Mospec Semiconductor
GBJ25A MOSPEC-GBJ25A Datasheet
179Kb / 2P
Ideal for printed circuit boards
logo
Vishay Siliconix
SBYV26C-M3 VISHAY-SBYV26C-M3 Datasheet
79Kb / 5P
Ideal for printed circuit boards
15-Nov-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com