Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLB Datasheet(PDF) 2 Page - KITAGAWA GmbH

Part # MLB
Description  Ferrite Chip Bead, normal type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

MLB Datasheet(HTML) 2 Page - KITAGAWA GmbH

  MLB Datasheet HTML 1Page - KITAGAWA GmbH MLB Datasheet HTML 2Page - KITAGAWA GmbH MLB Datasheet HTML 3Page - KITAGAWA GmbH MLB Datasheet HTML 4Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
70 FERRITE CHIP BEAD/MLB
Part No.
Impedance
(Ω)@100MHz±25%
DCR (Ω)max
Rated Current
(mA) max
MLB-100505-0120N015
120
0,500
150
MLB-100505-0300N01
300
0,800
100
MLB-100505-0600N01
600
1,000
100
MLB-160808-0028N03
28
0,300
300
MLB-160808-0060N03
60
0,200
300
MLB-160808-0080N03
80
0,300
300
MLB-160808-0090N03
90
0,300
300
MLB-160808-0120N02
120
0,300
200
MLB-160808-0150N02
150
0,400
200
MLB-160808-0220N02
220
0,400
200
MLB-160808-0300N02
300
0,500
200
MLB-160808-0600N02
600
0,600
200
MLB-160808-1000N01
1000
1,000
100
MLB-201209-0030N05
30
0,150
500
MLB-201209-0060N04
60
0,300
400
MLB-201209-0080N04
80
0,300
400
MLB-201209-0090N03
90
0,300
300
MLB-201209-0120N03
120
0,300
300
MLB-201209-0300N02
300
0,400
200
MLB-201209-0600N02
600
0,600
200
MLB-201209-1000N02
1000
0,800
200
MLB-321611-0032N05
32
0,150
500
MLB-321611-0090N04
90
0,300
400
MLB-321611-0120N04
120
0,300
400
MLB-321611-0300N03
300
0,500
300
MLB-321611-0600N02
600
0,600
200
MLB-321611-1000N02
1000
0,800
200
MLB-321611-1500N01
1500 (50MHz)
0,900
100
MLB-321611-2000N01
2000 (50MHz)
1,200
100
Please contact us if other specification
(Size,Impedance, Rated Current etc.) is needed.
1 MLB-160808-0030S03
>       2 MLB-201209-0300S02
>       3 MLB-201209-0600S02
>       4 MLB-321611-0600C30
>       5 MLB-321611-0080C40
>       6 MLB-321611-0120C60
>       7 MLB-100505-0120N15
1
10
100
1000
FREQ(MHz)
0
200
400
600
800
MLB-201209-0300S02
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
30
60
90
120
MLB-160808-0030S03
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
400
800
1200
1600
MLB-201209-0600S02
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
200
400
600
800
MLB-321611-0600C30
Z R
XL
1
10
100
1000
FREQ(MHz)
0
40
80
120
160
MLB-321611-0080C40
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
50
100
150
200
MLB-321611-0120C60
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
60
120
180
240
MLB-100505-0120N15
Z
R
XL
>       8 MLB-100505-0300N01
>       9 MLB-160808-0028N03
>       10 MLB-201209-0600N02
1
10
100
1000
FREQ(MHz)
0
100
200
300
400
500
MLB-100505-0300N01
XL
R
Z
1
10
100
1000
FREQ(MHz)
0
20
40
60
MLB-160808-0028N03
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
200
400
600
800
MLB-201209-0600N02
Z R
XL
>       8 MLB-100505-0300N01
>       9 MLB-160808-0028N03
>       10 MLB-201209-0600N02
1
10
100
1000
FREQ(MHz)
0
100
200
300
400
500
MLB-100505-0300N01
XL
R
Z
1
10
100
1000
FREQ(MHz)
0
20
40
60
MLB-160808-0028N03
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
200
400
600
800
MLB-201209-0600N02
Z R
XL
■ MLB-100505-0120N015
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
■ MLB-160808-0028N03
■ MLB-100505-0300N01
■ MLB-160808-0060N03
■ MLB-100505-0600N01
■ MLB-160808-0080N03



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com