Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLB Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # MLB
Description  Ferrite Chip Bead, normal type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

MLB Datasheet(HTML) 1 Page - KITAGAWA GmbH

  MLB Datasheet HTML 1Page - KITAGAWA GmbH MLB Datasheet HTML 2Page - KITAGAWA GmbH MLB Datasheet HTML 3Page - KITAGAWA GmbH MLB Datasheet HTML 4Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
69
●
General I/O wide band EMI suppression
●
It is particular effective with unstable grounding.
●
High frequency EMI preventation of computers, printers, VCRs,TVs, and portable telephone.
Ferrite Chip Bead, normal type
●
MLB (Normal type) generates an impedance from the relatively lower to high frequency.
●
Effective in noise suppression in the wide frequency range
●
Impedance Range : 28 to 2000 ohm
●
Rated Current Range : 100 mA to 500 mA
●
Operating temperature Range : -40°C to +125°C
●
Soldering Method : Reflow of Wave soldering, suitable for lead free soldering
●
Packaging Method : Tape & Reel (per EIA Specifications)
●
Storage Temperature : max.40°C, RH 70%
Feature
FERRITE CHIP BEAD/MLB
Application
Part Number Code
Shape and Dimensions
MLB
-
160808
-
0010
N
01
Series Name
Size Code
Impedance
(ex.0010=10 Ω ±
25%)
Classification
Rated Current
N=Normal
01=100 mA
SIZE CODE
A
B
C
D
Chips/reel
100505(0402)
1.00+/-0.1
0.50+/-0.1
0.50+/-0.1
0.25+/-0.1
10000
160808(0603)
1.60+/-0.2
0.80+/-0.2
0.80+/-0.2
0.3+/-0.2
4000
201209(0805)
2.00+/-0.2
1.20+/-0.2
0.90+/-0.2
0.5+/-0.3
4000
321611(1206)
3.20+/-0.2
1.60+/-0.2
1.10+/-0.2
0.5+/-0.3
3000
Unit: mm
Ferrite
Terminal Electrode
A
D
B
C
Notes for MLB Series
Please contact our sales department for the application other than above mentioned indication.
Please ask individual data sheet to verify detailed specification and performance.


Similar Part No. - MLB

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MLB MARKTECH-MLB Datasheet
648Kb / 2P
Cree ML-B White Series on Linear Board
logo
PCTEL, Inc.
MLB PCTEL-MLB Datasheet
161Kb / 1P
Lowband Quarter Wave Antennas
logo
KITAGAWA GmbH
MLB KGS-MLB Datasheet
2Mb / 3P
Ferrite Chip Bead, high current type
MLB KGS-MLB Datasheet
2Mb / 3P
Ferrite Chip Bead for high speed application
logo
List of Unclassifed Man...
MLB-1 ETC2-MLB-1 Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MLB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM21AG102SN1D MURATA-BLM21AG102SN1D Datasheet
112Kb / 3P
EMIFILr (Inductor type) Chip Ferrite Bead
BLM21PG300SN1D MURATA-BLM21PG300SN1D Datasheet
123Kb / 4P
EMIFILr (Inductor type) Chip Ferrite Bead
BLM21PG600SN1D MURATA-BLM21PG600SN1D Datasheet
123Kb / 4P
EMIFILr (Inductor type) Chip Ferrite Bead
BLM21PG220SN1D MURATA-BLM21PG220SN1D Datasheet
123Kb / 4P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM15AX100SN1 MURATA-BLM15AX100SN1 Datasheet
106Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM03AX MURATA-BLM03AX Datasheet
90Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
logo
Murata Manufacturing Co...
BLM15AG601AN1B MURATA1-BLM15AG601AN1B Datasheet
56Kb / 2P
EMIFIL (Inductor type) Chip Ferrite Bead
2011.5.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com