Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLB Datasheet(PDF) 4 Page - KITAGAWA GmbH

Part # MLB
Description  Ferrite Chip Bead, normal type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

MLB Datasheet(HTML) 4 Page - KITAGAWA GmbH

  MLB Datasheet HTML 1Page - KITAGAWA GmbH MLB Datasheet HTML 2Page - KITAGAWA GmbH MLB Datasheet HTML 3Page - KITAGAWA GmbH MLB Datasheet HTML 4Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
72
>       8 MLB-100505-0300N01
>       9 MLB-160808-0028N03
>       10 MLB-201209-0600N02
1
10
100
1000
FREQ(MHz)
0
100
200
300
400
500
MLB-100505-0300N01
XL
R
Z
1
10
100
1000
FREQ(MHz)
0
20
40
60
MLB-160808-0028N03
Z
R
XL
1
10
100
1000
FREQ(MHz)
0
200
400
600
800
MLB-201209-0600N02
Z R
XL
FERRITE CHIP BEAD/MLB
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
■ MLB-201209-0300N02
■ MLB-321611-0032N05
■ MLB-201209-0600N02
■ MLB-321611-0090N04
■ MLB-201209-1000N02
■ MLB-321611-0120N04
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
■ MLB-321611-0300N03
■ MLB-321611-0600N02
■ MLB-321611-1500N01
■ MLB-321611-1000N02
■ MLB-321611-2000N01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com