Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA3021PR4S/Z Datasheet(PDF) 3 Page - Kingbright Corporation

Part # AA3021PR4S/Z
Description  3.0x2.0mm SURFACE MOUNT LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3021PR4S/Z Datasheet(HTML) 3 Page - Kingbright Corporation

  AA3021PR4S/Z Datasheet HTML 1Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 2Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 3Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 4Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 5Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 6Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 7Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SPEC NO: DSAH4043
REV NO: V.1
DATE: MAY/14/2007
PAGE: 3 OF 8
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.J.LIU
ERP:1201002637
Selection Guide
Parameter
Symbol
Value
Unit
Power dissipation
Pt
111
mW
Reverse Voltage
VR
5
V
Junction temperature
TJ
110
°C
Operating Temperature
Top
-40 To +85
°C
Storage Temperature
Tstg
-40 To +100
°C
DC Forward Current
IF
30
mA
Peak Forward Current
Note4
IFM
100
mA
Thermal resistance
Junction/ambient
Note5
Junction/solder point
Rth JA
Rth JS
250
100
°C/W
°C/W
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Value
Unit
Chromaticity coordinate x acc.to CIE1931
IF=20mA [Typ.]
X
0.41
-
Chromaticity coordinate y acc.to CIE1931
IF=20mA [Typ.]
Y
0.39
-
Forward Voltage IF=20mA [Min.]
VF
Note1
2.7
V
Forward Voltage IF=20mA [Typ.]
3.2
Forward Voltage
IF=20mA [Max.]
3.7
Reverse Current (VR=5V)
[Typ.]
IR
0.01
μA
Reverse Current (VR=5V)
[Max.]
10
Temperature coefficient of x
IF=20mA, -10
°C≤ T≤100°C
[Typ.]
TC x
-0.1
10
-3 /
°C
Temperature coefficient of y
IF=20mA, -10
°C≤ T≤100°C
[Typ.]
TCy
-0.2
10
-3 /
°C
Temperature coefficient of VF
IF=20mA, -10
°C≤ T≤100°C
[Typ.]
TCV
-2.5
mV/
°C
Notes:
1
.θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2.Luminous intensity is measured by a current pulse of 10ms at a tolerance of ±15%.
3.The typical data of Luminous Flux can only reflect statistical figures, actual parameters of individual product could differ from the typical data.
For the purpose of product enhancement, the typical data is subject to change without prior notice.
4.1/10 Duty Cycle, 0.1ms Pulse Width.
5.Rth(J-A) Results from mounting on PC board FR4 (pad size
≥16 mm2 per pad),
Note:
1. Forward voltage is measured with a current pulse of 10ms at a tolerance of ±0.1V.
Part No.
Dice
Lens Type
luminous Intensity
Note2
Iv(mcd) @ 20mA
Φv (mlm)
Note3
@ 20mA
Viewing
Angle
Note1
Min.
Typ.
Typ.
2
θ1/2
AA3021PR4S/Z
WARM WHITE (InGaN)
WATER CLEAR
480
600
2000
125
°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com