Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA3021PR4S/Z Datasheet(PDF) 6 Page - Kingbright Corporation

Part # AA3021PR4S/Z
Description  3.0x2.0mm SURFACE MOUNT LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3021PR4S/Z Datasheet(HTML) 6 Page - Kingbright Corporation

  AA3021PR4S/Z Datasheet HTML 1Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 2Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 3Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 4Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 5Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 6Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 7Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SPEC NO: DSAH4043
REV NO: V.1
DATE: MAY/14/2007
PAGE: 6 OF 8
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.J.LIU
ERP:1201002637
AA3021PR4S/Z
Warm White CIE
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.32 0.34 0.36 0.38 0.40 0.42 0.44 0.46 0.48 0.50 0.52 0.54
d1
d0
d3
d2
f1
f0
f2
d0
d1
x
0.3610
0.3575
0.3870
0.3942
x
0.3575
0.3545
0.3800
0.3870
y
0.3850
0.3612
0.3820
0.4068
y
0.3612
0.3408
0.3580
0.3820
Reference CCT : 4700~3900K
Reference CCT : 4700~3900K
d2
d3
x
0.3870
0.4254
0.4350
0.3942
x
0.4254
0.3870
0.3800
0.4119
y
0.3820
0.4044
0.4260
0.4068
y
0.4044
0.3820
0.3580
0.3730
Reference CCT : 3900~3200K
Reference CCT : 3900~3200K
f0
f1
x
0.4350
0.4732
0.4600
0.4254
x
0.4600
0.4254
0.4119
0.4440
y
0.4260
0.4398
0.4152
0.4044
y
0.4152
0.4044
0.3730
0.3847
Reference CCT : 3200~2700K
Reference CCT :
3200~2700K
f2
x
0.4732
0.4600
0.4440
0.4800
0.5165
y
0.4398
0.4152
0.3847
0.3960
0.4510
Reference CCT : 2700~2300K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com