Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA3021PR4S/Z Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA3021PR4S/Z
Description  3.0x2.0mm SURFACE MOUNT LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA3021PR4S/Z Datasheet(HTML) 1 Page - Kingbright Corporation

  AA3021PR4S/Z Datasheet HTML 1Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 2Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 3Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 4Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 5Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 6Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 7Page - Kingbright Corporation AA3021PR4S/Z Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SPEC NO: DSAH4043
REV NO: V.1
DATE: MAY/14/2007
PAGE: 1 OF 8
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: S.J.LIU
ERP:1201002637
Part Number: AA3021PR4S/Z
WARM WHITE
Package Dimensions
3.0x2.0mm SURFACE MOUNT LED LAMP
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.2(0.008") unless otherwise noted.
3.Specifications are subject to change without notice.
4. 4. The device has a single mounting surface. The device must be mounted according to the specifications.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
PRELIMINARY SPEC
Features
3.0MM X 2.0MM, 1.3MM HIGH, ONLY MINIMUM
SPACE REQUIRED.
SUITABLE FOR COMPACT OPTOELECTRONIC
APPLICATIONS.
LOW POWER CONSUMPTION.
PACKAGE : 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
ELECTROSTATIC DISCHARGE THRESHOLD (HBM):1000V.
TYP. COLOR TEMPERATURE: 3400K
COLOR COORDINATES:X=0.41,Y=0.39 ACC. TO
CIE1931.
OPTICAL EFFICIENCY: 31.3 lm/W(TYP.)
COLOR REPRODUCTION INDEX: 70
RoHS COMPLIANT.
Applications
traffic signaling.
backlighting (illuminated advertising , general lighting).
interior and exterior automotive lighting.
substitution of micro incandescent lamps.
reading lamps.
signal and symbol luminaire for orientation.
marker lights (e.g. steps, exit ways, etc).
decorative and entertainment lighting.
indoor and outdoor commercial and residential
architectural lighting.
Description
The source color devices are made with InGaN Light
Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.


Similar Part No. - AA3021PR4S/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3021PR4S KINGBRIGHT-AA3021PR4S Datasheet
351Kb / 7P
3.0x2.0mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA3021PR4S/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA3020CGCK KINGBRIGHT-AA3020CGCK Datasheet
113Kb / 4P
3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020MBC KINGBRIGHT-AA3020MBC Datasheet
123Kb / 4P
3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020ACGCK KINGBRIGHT-AA3020ACGCK Datasheet
331Kb / 5P
3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020AYC KINGBRIGHT-AA3020AYC Datasheet
332Kb / 5P
3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020APBC-Z KINGBRIGHT-AA3020APBC-Z Datasheet
250Kb / 6P
3.0x2.0mm SURFACE MOUNT LED LAMP
AA3020AMGC KINGBRIGHT-AA3020AMGC Datasheet
332Kb / 5P
3.0x2.0mm SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZM2BB50FS SUNLED-ZM2BB50FS Datasheet
236Kb / 5P
3.0x2.0mm SURFACE MOUNT LED LAMP
ZMG50FW SUNLED-ZMG50FW Datasheet
190Kb / 4P
3.0x2.0mm SURFACE MOUNT LED LAMP
ZMO50FW SUNLED-ZMO50FW Datasheet
187Kb / 4P
3.0x2.0mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA3021SESK KINGBRIGHT-AA3021SESK Datasheet
298Kb / 6P
3.0x2.0mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com