Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBS2 Datasheet(PDF) 9 Page - Clarke International

Part # CBS2
Description  BELT SANDER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBS2 Datasheet(HTML) 9 Page - Clarke International

Back Button CBS2 Datasheet HTML 5Page - Clarke International CBS2 Datasheet HTML 6Page - Clarke International CBS2 Datasheet HTML 7Page - Clarke International CBS2 Datasheet HTML 8Page - Clarke International CBS2 Datasheet HTML 9Page - Clarke International CBS2 Datasheet HTML 10Page - Clarke International CBS2 Datasheet HTML 11Page - Clarke International CBS2 Datasheet HTML 12Page - Clarke International CBS2 Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
1. Connect the plug to the mains socket and switch on.
2. Hold the sander firmly with both hands
3. Squeeze the trigger, the sander will
start.
4. Release the trigger to stop the
sander.
5. If continuous operation is required,
squeeze the trigger, and depress the
lock-on button and release the
trigger.
6. To stop the belt sander, squeeze the
trigger to release the lock-on button,
then release the trigger.
USING THE SANDER
1. Make sure that there are no nails or other objects in the area to be sanded.
2. Let the sander reach full speed before applying it to the work surface.
3. Do not apply pressure to the sander during use. The weight of the sander alone is
sufficient for normal use.
4. Move the sander evenly over the work area. Do not allow the sander to stay in one
place for too long, this will give an uneven finish.
5. Replace worn sanding belts. The performance of your sander is dependent on the
quality of the sanding belts being used.
6. Remove the sander from the work area before releasing the trigger, (wait until the
belt has stopped moving before putting the sander down.
SANDING HINTS
1. Always use both hands to hold the sander and clamp the workpiece for added
stability and safety.
2. When sanding wood, always sand in the direction of the grain,
• Do not exert pressure on the sander.
• Regularly check the condition of the abrasive accessory and replace when
necessary.
• On very uneven surfaces or when removing layers of paint, start with a coarse
grit. On other surfaces, start with a medium grit. In both cases, gradually
change to a fine grit for a smooth finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com