Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBS2 Datasheet(PDF) 2 Page - Clarke International

Part # CBS2
Description  BELT SANDER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBS2 Datasheet(HTML) 2 Page - Clarke International

  CBS2 Datasheet HTML 1Page - Clarke International CBS2 Datasheet HTML 2Page - Clarke International CBS2 Datasheet HTML 3Page - Clarke International CBS2 Datasheet HTML 4Page - Clarke International CBS2 Datasheet HTML 5Page - Clarke International CBS2 Datasheet HTML 6Page - Clarke International CBS2 Datasheet HTML 7Page - Clarke International CBS2 Datasheet HTML 8Page - Clarke International CBS2 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Belt Sander.
Before attempting to use this product, please read this manual thoroughly and follow
the instructions carefully. In doing so you will ensure the safety of yourself and that of
others around you, and you can look forward to your purchase giving you long and
satisfactory service.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12 months from
the date of purchase. Please keep your receipt which will be required as proof of
purchase.
This guarantee is invalid if the product is found to have been abused or tampered with
in any way, or not used for the purpose for which it was intended.
Faulty goods should be returned to their place of purchase, no product can be
returned to us without prior permission.
This guarantee does not effect your statutory rights.
SPECIFICATIONS
Model Number
CBS2
Rated Voltage
230V~50Hz
Power Input
1200 W
No Load Speed
480m/min
Dimensions
352 x 166 x 193 mm
Weight
6.5 kg
Vibration
2.53 m/s2 Uncertainty Factor (K) =1.28
Belt size
610mm x 100mm
Dust outlet diameter
24mm inner/30.6mm outer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com