Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBS2 Datasheet(PDF) 10 Page - Clarke International

Part # CBS2
Description  BELT SANDER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CBS2 Datasheet(HTML) 10 Page - Clarke International

Back Button CBS2 Datasheet HTML 6Page - Clarke International CBS2 Datasheet HTML 7Page - Clarke International CBS2 Datasheet HTML 8Page - Clarke International CBS2 Datasheet HTML 9Page - Clarke International CBS2 Datasheet HTML 10Page - Clarke International CBS2 Datasheet HTML 11Page - Clarke International CBS2 Datasheet HTML 12Page - Clarke International CBS2 Datasheet HTML 13Page - Clarke International CBS2 Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
MAINTENANCE
After use clean out any accumulated dust etc. Keep the cooling vents clear. If the
sander should become too hot, run it for 2 minutes without load.
Clean the housing with a soft cloth. Any worn or damaged parts should be replaced by
qualified personnel. Keep the handles clean and free from oil and grease. Refer to
qualified service personnel if internal maintenance is required.
Always store the belt sander in the carrying case.
CHANGING THE CARBON BRUSHES
1. With a suitable screwdriver, remove the carbon brush caps on either side of the
belt sander.
2. Remove the carbon brush/spring assembly.
3. If the carbon brushes are worn down to 4mm, or less, replace them with the new
brushes (1 spare set supplied).
4. Replace the carbon brush caps and tighten them.
NOTE: Both brushes must be replaced at the same time.
GENERAL CARE
Your sander has been designed to operate over a long period of time with a minimum
of maintenance. Continuous satisfactory operation depends upon proper care.
• Regularly clean the ventilation slots using a soft dry brush or dry cloth.
WARNING: MAKE SURE THAT THE BELT SANDER IS SWITCHED OFF
AND DISCONNECTED FROM THE MAINS SUPPLY BEFORE STARTING
ANY CLEANING OR MAINTENANCE PROCEDURES.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com