Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6-250-2-342-WT-R Datasheet(PDF) 1 Page - Brady Worldwide, Inc.

Part # M6-250-2-342-WT-R
Description  PERMASLEEVE MARKER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

M6-250-2-342-WT-R Datasheet(HTML) 1 Page - Brady Worldwide, Inc.

  M6-250-2-342-WT-R Datasheet HTML 1Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 2Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 3Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 4Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 5Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 6Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data Sheet
BRADY B-342 PERMASLEEVE MARKER
TDS No. B-342
Effective Date: 9/29/2023
Description:
GENERAL
Print Technology: Thermal transfer and dot matrix
Material Type: Irradiated polyolefin heat shrink tubing (3:1 shrink ratio)
APPLICATIONS
Wire identification and insulation purposes
RECOMMENDED RIBBONS
Brady Series R6600 for thermal transfer printing best smear and chemical resistance
Brady Series R4300 for thermal transfer printing general purpose ribbon
Brady Series R4502S for thermal transfer printing silver on dark colored markers
-5942Brady Series R6700 for thermal transfer printing white on dark colored
markers Brady Series R5000 for dot matrix printing
REGULATORY/AGENCY APPROVALS
UL: B-342 is a UL Recognized Component to UL224 Extruded Insulated Tubing. See UL file E333786 for specific details.
For information on the Weee-RoHS compliance status for a Brady Product go to one of the following websites:
In Canada: www.bradycanada.ca/weee-rohs
In Europe: www.bradyeurope.com/rohs
In Japan: www.brady.co.jp/products/labelsuse/rohs
All other regions: www.bradyid.com/weee-rohs
SPECIAL FEATURES
B-342 PermaSleeveTM Markers are made from heat shrinkable tubing that is qualified to SAE AS23053/5 (Class 4). See the QPL
listing for Brady Corporation product part numbers PS-C-*.
B-342 PermaSleeveTM Markers meet the mark permanence requirements of AS-81531 and AS-5942 when printed with the Brady
Series R6600, R4300, R4502S, R6700 series thermal transfer ribbons, R5000 Series dot matrix ribbon, and with laser marking.”
The operating temperature range is -55°C (-67°F) to +135°C (+275°F).
A minimum recovery temperature of 150°C (302°F) is recommended for B-342
PermaSleeve® markers.
B-342 is available in white, yellow, black, red, orange, green, blue, violet, pink, gray, and brown.
B-342 can also be printed using laser marking method. Laser marking has very good environmental, abrasion, and chemical
resistance.
Details:
MARKER SIZE
RANGE OF WIRE DIAMETER ((in)
RANGE OF WIRE DIAMETER ((mm)
3/32"
3PS-094
0.023 - 0.080
0.58 - 2.03
1/8"
3PS-125
0.046 - 0.110
1.17 - 2.79
3/16"
3PS-187
0.062 - 0.150
1.57 - 3.81
1/4"
3PS-250
0.094 - 0.215
2.39 - 5.46
3/8"
3PS-375
0.125 - 0.320
3.18 - 8.13
1/2"
3PS-500
0.187 - 0.450
4.75 - 11.43
3/4"
3PS-750
0.250 - 0.700
6.35 - 17.78
1"
3PS-1000
0.375 - 0.950
9.53 - 24.13
1 1/2"
3PS-1500
0.500 - 1.450
12.7 - 36.83
Shrink Method: Any industrial grade heat gun may be used to shrink B-342 PermaSleeve® Markers.


Similar Part No. - M6-250-2-342-WT-R

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
M6-25-423 BRADY-M6-25-423 Datasheet
284Kb / 4P
BRADYBONDZ(TM) B-423 THERMAL TRANSFER PRINTABLE GLOSSY WHITE POLYESTER LABEL STOCK
10/05/2022
More results

Similar Description - M6-250-2-342-WT-R

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
7835 SONARDYNE-7835 Datasheet
102Kb / 2P
Deep Marker Transponder
logo
Dialight Corporation
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
List of Unclassifed Man...
SM3-9WE ETC2-SM3-9WE Datasheet
124Kb / 4P
Cable Marker
logo
PHOENIX CONTACT
0804963 PHOENIX-0804963 Datasheet
45Kb / 2P
Contactor marker ??zack marker strip - SS-ZB 17,5 WH
0809803 PHOENIX-0809803 Datasheet
52Kb / 2P
Zack marker strip
0824470 PHOENIX-0824470 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB WH CUS
0824471 PHOENIX-0824471 Datasheet
48Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE CUS
5031171 PHOENIX-5031171 Datasheet
50Kb / 2P
Contactor marker - zack marker strip - SS-ZB WH
5031650 PHOENIX-5031650 Datasheet
47Kb / 2P
Contactor marker ??zack marker strip - SS-ZB YE
logo
TE Connectivity Ltd
TTDS-037 TEC-TTDS-037 Datasheet
410Kb / 3P
HL Cable Marker
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com