Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6-250-2-342-WT-R Datasheet(PDF) 5 Page - Brady Worldwide, Inc.

Part # M6-250-2-342-WT-R
Description  PERMASLEEVE MARKER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

M6-250-2-342-WT-R Datasheet(HTML) 5 Page - Brady Worldwide, Inc.

  M6-250-2-342-WT-R Datasheet HTML 1Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 2Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 3Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 4Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 5Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 6Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
B-342 white samples were laser marked with a 10 watt fiber laser and shrunk on appropriate size wires. Test conducted at
room temperature after 24 hour dwell. Testing consisted of 5 cycles of 10 minute immersions in the specified chemical reagent
followed by 30 minute recovery periods. Samples rubbed with cotton swab after final immersion.
CHEMICAL REAGENT
SUBJECTIVE OBSERVATION OF VISUAL CHANGE
TUBING AND PRINTING WITHOUT
SWAB RUB
PRINTING WITH SWAB RUB
Methyl Ethyl Ketone
No visible effect
No visible effect
Isopropyl Alcohol
No visible effect
No visible effect
JP-8 Jet Fuel
No visible effect
No visible effect
Kerosene
No visible effect
No visible effect
Mil 5606 Oil
Tubing stained red, no visible effect on
laser marking
No visible effect
Mil 7808 Oil
No visible effect
No visible effect
Speedi Kut Cutting Oil 332
No visible effect
No visible effect
Gasoline
No visible effect
No visible effect
Rust Veto® 377
Tubing stained orange, no visible effect
on laser marking
No visible effect
Skydrol® 500B-4
No visible effect
No visible effect
Propylene Glycol
No visible effect
No visible effect
Super Agitene®
No visible effect
No visible effect
BIOACT® EC-7R™ Terpene Cleaner
No visible effect
No visible effect
Deionized Water
No visible effect
No visible effect
3% Alconox® Detergent
No visible effect
No visible effect
5% Salt Water Solution
No visible effect
No visible effect
Shelf Life:
Shelf life is five years from the date of receipt for this product as long as this product is stored in its original packaging in an
environment at 32-95 degrees F (0-35 degrees C) per SAE AS23053/5. It remains the responsibility of the user to assess the risk of
using this product. We encourage customers to develop testing protocols that will qualify a product's fitness for use in their actual
applications.
Trademarks:
ASTM: American Society for Testing and Materials (U.S.A.)
Alconox® is a registered trademark of Alconox Co.
All S.I. Units (metric) are mathematically derived from the U.S. Conventional
BIOACT® is a registered trademark of Petroferm, Inc.
EC-7R™ is a trademark of Petroferm Inc.
PermaSleeve® is a registered trademark of Brady Worldwide, Inc.
Rust Veto® is a registered trademark of the E.F. Houghton & Co.
SAE: Society of Automotive Engineers (U.S.A.)
Skydrol® is a registered trademark of the Monsanto Company
Super Agitene® is a registered trademark of Graymills Corporation
UL: Underwriters Laboratories Inc. (U.S.A.)
Note: All values shown are averages and should not be used for specification purposes.
Test data and test results contained in this document are for general information only and shall not be relied upon by Brady
customers for designs and specifications, or be relied on as meeting specified performance criteria. Customers desiring to
develop specifications or performance criteria for specific product applications should contact Brady for further information.
Product compliance information is based upon information provided by suppliers of the raw materials used by Brady to
manufacture this product or based on results of testing using recognized analytical methods performed by a third party,
independent laboratory. As such, Brady makes no independent representations or warranties, express or implied, and
assumes no liability in connection with the use of this information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com