Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M6-250-2-342-WT-R Datasheet(PDF) 4 Page - Brady Worldwide, Inc.

Part # M6-250-2-342-WT-R
Description  PERMASLEEVE MARKER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

M6-250-2-342-WT-R Datasheet(HTML) 4 Page - Brady Worldwide, Inc.

  M6-250-2-342-WT-R Datasheet HTML 1Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 2Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 3Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 4Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 5Page - Brady Worldwide, Inc. M6-250-2-342-WT-R Datasheet HTML 6Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
JP-8 Jet Fuel
No visible effect
Moderate print fade, print legible
Kerosene
No visible effect
Moderate print fade, print legible
Mil 5606 Oil
Tubing stained red on edges, no visible
effect on printing
Slight print fade, print legible
Mil 7808 Oil
No visible effect
No visible effect
Speedi Kut Cutting Oil 332
No visible effect
No visible effect
Gasoline
No visible effect
Moderate print fade, print legible
Rust Veto® 377
Tubing stained orange, no visible effect
on printing
Slight print fade, print legible
Skydrol® 500B-4
No visible effect
Slight print fade, print legible
Propylene Glycol
No visible effect
No visible effect
Super Agitene®
No visible effect
Moderate print fade, print legible
BIOACT® EC-7R™ Terpene Cleaner
No visible effect
Severe print fade, print just legible
Deionized Water
No visible effect
No visible effect
3% Alconox® Detergent
No visible effect
No visible effect
5% Salt Water Solution
No visible effect
No visible effect
B-342 black samples were thermal transfer printed using the Brady Series R4502S silver ribbon and shrunk on appropriate
size wires. Test conducted at room temperature after 24 hour dwell. Testing consisted of 5 cycles of 10 minute immersions
in the specified chemical reagent followed by 30 minute recovery periods. Samples rubbed with cotton swab after final
immersion.
CHEMICAL REAGENT
SUBJECTIVE OBSERVATION OF VISUAL CHANGE
TUBING AND PRINTING WITHOUT
SWAB RUB
PRINTING WITH SWAB RUB
Methyl Ethyl Ketone
No visible effect
Severe print fade, print legible
Isopropyl Alcohol
No visible effect
No visible effect
JP-8 Jet Fuel
No visible effect
Severe print fade, print legible
Kerosene
No visible effect
Severe print fade, print legible
Mil 5606 Oil
No visible effect
Severe print fade, print legible
Mil 7808 Oil
No visible effect
Severe print fade, print legible
Speedi Kut Cutting Oil 332
No visible effect
No visible effect
Gasoline
No visible effect
Severe print fade, print legible
Rust Veto® 377
No visible effect
Severe print fade, print legible
Skydrol® 500B-4
No visible effect
Severe print fade, print legible
Propylene Glycol
No visible effect
Moderate print fade
Super Agitene®
No visible effect
Severe print fade, print legible
BIOACT® EC-7R™ Terpene Cleaner
No visible effect
Severe print fade, print legible
Deionized Water
No visible effect
No visible effect
3% Alconox® Detergent
No visible effect
Slight print fade
5% Salt Water Solution
No visible effect
Slight print fade
B-342 black samples were thermal transfer printed using the Brady Series R6700 white ribbon and shrunk on appropriate size
wires. Test conducted at room temperature after 24 hour dwell. Testing consisted of 5 cycles of 10 minute immersions in the
specified chemical reagent followed by 30 minute recovery periods. Samples rubbed with a cotton swab after final immersion.
CHEMICAL REAGENT
SUBJECTIVE OBSERVATION OF VISUAL CHANGE
TUBING AND PRINTING WITHOUT
SWAB RUB
PRINTING WITH SWAB RUB
Methyl Ethyl Ketone
No visible effect
Severe print fade, print legible
Isopropyl Alcohol
No visible effect
Severe print fade, print legible
JP-8 Jet Fuel
No visible effect
Severe print fade, print legible
Kerosene
No visible effect
Severe print fade, print legible
Mil 5606 Oil
No visible effect
Complete print removal
Mil 7808 Oil
No visible effect
Severe print fade, print legible
Speedi Kut Cutting Oil 332
No visible effect
Moderate print fade
Gasoline
No visible effect
Severe print fade, print legible
Rust Veto® 377
No visible effect
Severe print fade, print legible
Skydrol® 500B-4
No visible effect
Severe print fade, print legible
Propylene Glycol
No visible effect
Moderate print fade
Super Agitene®
No visible effect
Severe print fade, print legible
BIOACT® EC-7R™ Terpene Cleaner
No visible effect
Severe print fade, print legible
Deionized Water
No visible effect
No visible effect
3% Alconox® Detergent
No visible effect
Slight print fade
5% Salt Water Solution
No visible effect
Slight print fade



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com