Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAD Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # NAD
Description  Snap-mount cable clamp with flexible strap
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

NAD Datasheet(HTML) 1 Page - KITAGAWA GmbH

  NAD Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Snap Mounting
Round hole
・
●
●
※
(
:
)
※
SPEED CLAMP / NAD
Features
● Flexible strap fastens cables quickly.
Material
● Nylon 6(Color:Black)
※ For V0 type, “V0” is added to the end of the part No.
(With regard to lot size and lead time, please contact us.)
(Unit:mm)
…
(Unit:mm)
UL94 V-2
Part No.
Panel
thickness
Mounting
hole size
Std. Package
Max bundle
diameter
NAD-03
NAD-04
NAD-06
NAD-09
NAD-13
φ5.5
φ6.5
φ9.5
φ14
φ22
(A)
28
33
43
63
89
B
4
6
φ4.8±0.1
0.8~2.3
0.8~3.2
0.6~3.0
500
pcs.
1,000 pcs.
Part No.
Panel
thickness
Mounting
hole size
Std. Package
YMC-05-H-0 V0
YMC-05-0 V0
YMC-10-0 V0
YMC-15-0 V0
YMW-16
(A)
10.7
10.2
12.0
13.8
12.2
3.5
3.0
(C)
11.8
12.7
15.1
20.5
17.9
φ3.5 
φ4
0.5~2
0.5~1.6
0.8~1.8
1,000
pcs.
+0.1
0
+0.1
0
1565
Snap-mount cable clamp with flexible strap
※
※ φ8.0㎜ for NAD-03
(4.7)※
(C)
(C)
(5.4)
※
φ
8.6
※
φ
8.6
(A)
48


Similar Part No. - NAD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NAD-4001 ETC1-NAD-4001 Datasheet
55Kb / 2P
40Watts Open Frame Single Output
NAD-4002 ETC1-NAD-4002 Datasheet
55Kb / 2P
40Watts Open Frame Single Output
NAD-4004 ETC1-NAD-4004 Datasheet
55Kb / 2P
40Watts Open Frame Single Output
NAD-4005 ETC1-NAD-4005 Datasheet
55Kb / 2P
40Watts Open Frame Single Output
NAD-400X ETC1-NAD-400X Datasheet
55Kb / 2P
40Watts Open Frame Single Output
More results

Similar Description - NAD

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74271722 WURTH-74271722 Datasheet
448Kb / 4P
STAR-FIX Snap Ferrite with flexible cable fixing
74271722S WURTH-74271722S Datasheet
448Kb / 4P
STAR-FIX Snap Ferrite with flexible cable fixing
74271733 WURTH-74271733 Datasheet
504Kb / 4P
STAR-FIX Snap Ferrite with flexible cable fixing
74271733S WURTH-74271733S Datasheet
504Kb / 4P
STAR-FIX Snap Ferrite with flexible cable fixing
logo
List of Unclassifed Man...
63060 ETC2-63060 Datasheet
54Kb / 1P
ECONOMY WRIST STRAP WITH 7MM SNAP
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
CHO-STRAP INSULATED GROUND STRAP
logo
RFE international
FLR RFE-FLR Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FSR RFE-FSR Datasheet
450Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVL RFE-FVL Datasheet
448Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
FVT RFE-FVT Datasheet
451Kb / 2P
STRAP MOUNT PPTC RESETTABLE FUSE
2020.01.10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com