Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMWCT1069 Datasheet(PDF) 3 Page - Infinite Electronics International, Inc.

Part # FMWCT1069
Description  30 dB WR-90 Waveguide Crossguide Coupler with UG-39/U Square Cover Flange and SMA Female Cou­ pled Port from 8.2 GHz to 12.4 GHz in Bronze
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMWCT1069 Datasheet(HTML) 3 Page - Infinite Electronics International, Inc.

  FMWCT1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMWCT1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMWCT1069 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMWCT1069 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
-40
-35
-30
-25
-20
-15
-10
-5
0
8.2
8.8
9.4
10.0
10.6
11.2
11.8
12.4
0 dB
8.20 GHz
Directivity
30 dB WR-90 Waveguide Crossguide Coupler with UG-39/U Square Cover Flange and SMA Female Coupled Port from 8.2 GHz
to 12.4 GHz in Bronze from Fairview Microwave is in-stock and available to ship same-day. All of our RF/microwave products
are available off-the-shelf from our ISO 9001:2008 certified facilities in Allen, Texas. Fairview Microwave is RF on-demand.
For additional information on this product, please click the following link: 30 dB WR-90 Waveguide Crossguide Coupler with
UG-39/U Square Cover Flange and SMA Female Coupled Port from 8.2 GHz to 12.4 GHz in Bronze FMWCT1069
URL: https://www.fairviewmicrowave.com/30db-wr90-waveguide-crossguide-coupler-ug39-square-sma-12.4ghz-fmw-
ct1069-p.aspx
FMWCT1069
DATA SHEET
REV 1.0 Page 3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com