Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMWCT1069 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMWCT1069
Description  30 dB WR-90 Waveguide Crossguide Coupler with UG-39/U Square Cover Flange and SMA Female Cou­ pled Port from 8.2 GHz to 12.4 GHz in Bronze
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMWCT1069 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMWCT1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMWCT1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMWCT1069 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMWCT1069 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 1.0 Page 1 of 4
Copyright © 2017
The FMWCT1069 is a 30 dB WR-90 four port crossguide coupler with one
coupled port terminated (making it a three port coupler) and a coax adapter
on the opposite coupled port. This coupler can be mounted directly into
the waveguide signal path, connected via coax to allow signal sampling /
monitoring. The coupler has a typical VSWR of 1.05:1 and are made of bronze
with brass UG-39/U Square Cover flanges. The FMWCT1069 is part of a family
of cross guide couplers offered by Fairview with coupling values ranging from
20 to 50 dB. There is also a full family of top wall (broad wall) couplers.
For the three port version of this coupler (terminated but no coax adapter) please
see the FMWCT1021. For the four port version of this coupler (no termination, no
coax adapter) please see the FMWCP1056.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
8.2
12.4
GHz
Impedance
50
Ohms
Coupler
Nominal Coupling Level
30
dB
Directivity
20
dB
Insertion Loss
0.1
dB
Main Line VSWR
1.05:1
Termination
Input Power (CW)
4
Watts
Waveguide to Coax Adapters
VSWR
1.25:1
Mechanical Specifications
.
Interface
Waveguide Size
WR-90
Flange Type
Square Cover
Flange Designation
UG-39/U
Flange Material and Plating
Brass
RF Connector Type
SMA Female
.
Coupler Body Material and Plating
Bronze
Termination Body Material and Plating
Bronze
Environmental Specifications
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
FMWCT1069
DATA SHEET
30 dB WR-90 Waveguide Crossguide Coupler with
UG-39/U Square Cover Flange and SMA Female Cou-
pled Port from 8.2 GHz to 12.4 GHz in Bronze
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Three Port
• Crossguide Waveguide Coupler
• Terminated
• 30 dB Nominal Coupling Level
• SMA Female Coax Adapter
• 8.2 GHz to 12.4 GHz
Frequency Range
• Waveguide Body made of
Bronze with Brass Flanges
• Low VSWR
Applications:
• Test Benches
• Radar
• Satellite
• Microwave Radio
• Attenuation Measurements
• Power Measurements
• Source Leveling


Similar Part No. - FMWCT1069

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMWCT1060 FAIRVIEW-FMWCT1060 Datasheet
627Kb / 4P
20 dB WR-75 Waveguide Crossguide Coupler with Square Cover Flange and SMA Female Coupled Port from 10 GHz to 15 GHz in Bronze
REV 1.0
FMWCT1061 FAIRVIEW-FMWCT1061 Datasheet
627Kb / 4P
30 dB WR-75 Waveguide Crossguide Coupler with Square Cover Flange and SMA Female Coupled Port from 10 GHz to 15 GHz in Bronze
REV 1.0
FMWCT1062 FAIRVIEW-FMWCT1062 Datasheet
627Kb / 4P
40 dB WR-75 Waveguide Crossguide Coupler with Square Cover Flange and SMA Female Coupled Port from 10 GHz to 15 GHz in Bronze
REV 1.0
FMWCT1063 FAIRVIEW-FMWCT1063 Datasheet
627Kb / 4P
50 dB WR-75 Waveguide Crossguide Coupler with Square Cover Flange and SMA Female Coupled Port from 10 GHz to 15 GHz in Bronze
REV 1.0
FMWCT1064 FAIRVIEW-FMWCT1064 Datasheet
623Kb / 4P
20 dB WR-75 Waveguide Crossguide Coupler with Square Cover Flange and N Female Coupled Port from 10 GHz to 15 GHz in Bronze
REV 1.0
More results

Similar Description - FMWCT1069

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCT1068 PASTERNACK-PEWCT1068 Datasheet
538Kb / 5P
WR-90 Waveguide 20 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1069 PASTERNACK-PEWCT1069 Datasheet
537Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1070 PASTERNACK-PEWCT1070 Datasheet
537Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1071 PASTERNACK-PEWCT1071 Datasheet
538Kb / 5P
WR-90 Waveguide 50 dB Crossguide Coupler, UG-39/U Square Cover Flange, SMA Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1077 PASTERNACK-PEWCT1077 Datasheet
532Kb / 5P
WR-90 Waveguide 30 dB Crossguide Coupler, UG-39/U Square Cover Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCT1078 PASTERNACK-PEWCT1078 Datasheet
533Kb / 5P
WR-90 Waveguide 40 dB Crossguide Coupler, UG-39/U Square Cover Flange, N Female Coupled Port, 8.2 GHz to 12.4 GHz, Bronze
PEWCP1055 PASTERNACK-PEWCP1055 Datasheet
408Kb / 5P
WR-90 20 dB Waveguide Crossguide Coupler, UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
PEWCP1056 PASTERNACK-PEWCP1056 Datasheet
408Kb / 5P
WR-90 30 dB Waveguide Crossguide Coupler, UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
PEWCP1057 PASTERNACK-PEWCP1057 Datasheet
408Kb / 5P
WR-90 40 dB Waveguide Crossguide Coupler, UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
PEWCP1058 PASTERNACK-PEWCP1058 Datasheet
411Kb / 5P
WR-90 50 dB Waveguide Crossguide Coupler, UG-39/U Square Cover Flange, 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com