Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMWCT1069 Datasheet(PDF) 4 Page - Infinite Electronics International, Inc.

Part # FMWCT1069
Description  30 dB WR-90 Waveguide Crossguide Coupler with UG-39/U Square Cover Flange and SMA Female Cou­ pled Port from 8.2 GHz to 12.4 GHz in Bronze
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMWCT1069 Datasheet(HTML) 4 Page - Infinite Electronics International, Inc.

  FMWCT1069 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMWCT1069 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMWCT1069 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMWCT1069 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
1130 Junction Dr. #100 Allen, TX 75013 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 4 of 4
*STANDARD TOLERANCES APPLY
ONLY TO DIMENSIONS IN INCHES
STANDARD TOLERANCES
.X
±0.2
.XX ±0.01
.XXX ±0.005
8.000
203.20
3.000
76.20
A
SMA
FEMALE
1.625
41.28
SQ.
1.280
32.51
1.220
30.99
4X .169 4.29
THRU
.900
22.86
.400
10.16
DETAIL A
WR-90
UG39/U FLANGE
2 PLACES
WR-90
SHEET
3FKR5
CAGE CODE
DWG NO
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
FAIRVIEW MICROWAVE INC.
SIZE A
SCALE N/A
CAD FILE
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
3. DIMENSIONS ARE IN INCHES [mm].
TITLE
FMWCT1069
062717
9999
1 OF 1
FMWCT1069
DATA SHEET
30 dB WR-90 Waveguide Crossguide Coupler with UG-
39/U Square Cover Flange and SMA Female Coupled
Port from 8.2 GHz to 12.4 GHz in Bronze



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com