Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTOCXO50 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTOCXO50
Description  PCS / Cellular Base Station
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTOCXO50 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTOCXO50 Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
PIN FUNCTION:
PIN1 – Voltage Control
PIN 2 – Reference voltage / NC
PIN3 – Output
PIN4 – GND
PIN5 – Power Supply
ACTOCXO50
FEATURES
APPLICATIONS
■ Stability to ±0.003PPM
■
PCS / Cellular Base Station
■ Low Aging
■
Digital Switching
■ Compact Package
■
Synthesizer
■ Measurement Equipment
■
SC Cut OCXO
– Please enquire
SPECIFICATIONS
Frequency Range
1.0 ~ 160MHz
Frequency Accuracy ( Adjustment 25
°C)
±0.05 PPM (Centre control voltage)
Frequency Stability vs Temperature
See Table 1
Aging (AT Cut)
±0.001PPM/day, first year ±0.1PPM, 10 years ±1PPM
(SC Cut)
±0.001PPM/day, first year ±0.1PPM, 10 years ±1PPM
Output Type and Load Characteristics
See Table 2
Frequency Stability vs Load
±0.02PPM vs ±10% load change
Supply Voltage
+5.0VDC, +12.0VDC (3V3 Custom option )
Frequency Stability vs Voltage
±0.02PPM vs ±5% voltage change
Supply Consumption
4.0W (Max.) warm-up; 2.0W (Max.) static
Warm-up Time
±0.3PPM, <1 min.
Adjustable Frequency Range
±7.0PPM
Control Voltage Range
0~5V
Slope
Positive
Linearity
±10%
Phase Noise (10MHz SC-Cut)
1Hz, -80dBc/Hz
10Hz, -115dBc/Hz
100Hz, -135dBc/Hz
1kHz, -145dBc/Hz
10kHz, -150dBc/Hz
Storage Temperature Range
-40~+100
°C
FREQUENCY STABILITY vs TEMPERATURE – TABLE 1
( Applies to frequencies < 20MHz & to 12v0 supply. For frequencies >20MHZ & 3v3 & 5v0 Stabilities will be lower –Please enquire)
Frequency Stability vs Temperature
Temperature Range
±0.01PPM (AT Cut)
0 - +50
°C
±0.03PPM (AT Cut)
-20 - +70
°C
±0.05PPM (AT Cut)
-40 - +75
°C
OUTPUT TYPE AND LOAD CHARACTERISTICS – TABLE 2
Output
Waveform
Frequency Range
Oscillation State
Output Characteristics
Clipped Sine
Wave
8MHz - 30MHz
10MHz – 160MHz
F: Fundamental
O: Overtone
Load: 10kΩ/10pF
Output level: >1Vp-p
TTL
1MHz - 30MHz
10MHz – 160MHz
F: Fundamental
O: Overtone
Load: Max. 10 low power consumption TTL gates
“1” level: >+2.4VDC; “0” level: <+0.2VDC
Duty cycle: 45/55
Rise/fall time: <6ns
HCMOS
1MHz - 30MHz
10MHz – 160MHz
F: Fundamental
O: Overtone
Load: Max. 10 low power consumption TTL/HCMOS
“1” level: >+4.3VDC; “0” level: <+0.5VDC
Duty cycle: 45/55
Rise/fall time: <6ns
ACMOS
1MHz - 30MHz
10MHz – 160MHz
F: Fundamental
O: Overtone
Load: Max. 10 low power consumption TTL/ACMOS
“1” level: >+4.3VDC; “0” level: <+0.5VDC
Duty cycle: 45/55
Rise/fall time: <6ns
Sine Wave
8MHz - 30MHz
10MHz - 160MHz
F: Fundamental
O: Overtone
Load: Nominal value 50Ω
Output level: >2dBm
Harmonic Attenuation: >-25dB
Noise Attenuation: >-60dB
Please note that all parameters cannot necessarily be specified in one device.
Customer to specify : Frequency, Output, Voltage, Stability, and Operating Temperature
In line with our ongoing policy of product improvement and evolvement the above specification may be subject to change without notice
IS9001:2000 Registered –
For quotations or further information, please contact us at :
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY UK
http:/www.actcrystals.com
(Unit: mm)
Tel : 0044 (0) 118 979 1238
Fax: 0044 (0) 118 979 1283
Email : info@actcrystals.com
Issue : 4 S8
Date 14/09/06


Similar Part No. - ACTOCXO50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACTOCXO14 ETC2-ACTOCXO14 Datasheet
93Kb / 1P
VOLTAGE CONTROLLED
logo
Advanced Crystal Techno...
ACTOCXO14 ACT-ACTOCXO14 Datasheet
93Kb / 1P
Voltage Controlled Frequency Adjustment
13/09/06
ACTOCXO20 ACT-ACTOCXO20 Datasheet
96Kb / 1P
Voltage Controlled Frequency Adjustment
14/09/06
ACTOCXO25 ACT-ACTOCXO25 Datasheet
100Kb / 1P
Voltage Controlled Frequency Adjustment
14/09/06
ACTOCXO36 ACT-ACTOCXO36 Datasheet
97Kb / 1P
Voltage Controlled Frequency Adjustment
26/09/06
More results

Similar Description - ACTOCXO50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1650 STMICROELECTRONICS-SD1650 Datasheet
60Kb / 5P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Aug-1992
SD4590 STMICROELECTRONICS-SD4590 Datasheet
114Kb / 8P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
Mar-2000
SD4600 STMICROELECTRONICS-SD4600 Datasheet
65Kb / 4P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Nov-1992
SD4701 STMICROELECTRONICS-SD4701 Datasheet
148Kb / 6P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
May-1993
logo
Microsemi Corporation
MS1578 MICROSEMI-MS1578 Datasheet
411Kb / 5P
RF & MICROWAVE TRANSISTORS 800-960MHz CELLULAR BASE STATION
logo
Aeroflex Circuit Techno...
FA4615 AEROFLEX-FA4615 Datasheet
86Kb / 2P
PCS BASE STATION FILTERS
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
PCS/Cellular/GPS Quintplexer
ACFM-7107-TR1 AVAGO-ACFM-7107-TR1 Datasheet
472Kb / 18P
PCS/Cellular Band Quadplexer
logo
New Jersey Semi-Conduct...
SD4590 NJSEMI-SD4590 Datasheet
122Kb / 3P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7107 AVAGO-ACFM-7107 Datasheet
472Kb / 18P
PCS/Cellular Band Quadplexer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com