Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1130-BSST Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BSST Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS1130-BSST Datasheet HTML 1Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 2Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 3Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 4Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 5Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 6Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 7Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 8Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
Page 2
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − General Description
Applications
The AS1130 is ideal for dot matrix displays in mobile phones,
personal electronics and toys.
Figure 2:
AS1130- Typical Application Diagram
AS1130
CIN
GND
CS0 .. 11
VDD
SDA
SCL
RSTN IRQ
2.7V to 5.5V
AS1130
CIN
GND
VDD
R1
μP
12
CS0 .. 11
12
SDA
SCL
RSTN IRQ
SDA
SCL
RSTN
IRQ
ADDR
SYNC_OUT
ADDR
SYNC_IN
R1
VDD
pull-up
resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com