Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1130-BSST Datasheet(PDF) 41 Page - ams-OSRAM AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BSST Datasheet(HTML) 41 Page - ams-OSRAM AG

Back Button AS1130-BSST Datasheet HTML 37Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 38Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 39Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 40Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 41Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 42Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 43Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 44Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
Page 40
ams Datasheet
Document Feedback
[v2-01] 2016-Oct-12
AS1130 − Register Description
Frame Time/Scroll Register (0x03)
Every single frame in a movie is displayed for a certain time
before the next frame is displayed. This time can be set within
this register with 4 bits. The stated values in Figure 42 are typical
values.
Also the scroll options are set within this register. Per default
this register is set to 0x00.
Figure 42:
Frame Time/Scroll Register Format
0x03 Frame Time/Scroll Register
Bit
Bit Name
Default
Access
Bit Description
7frame_fad
0
R/W
Fade frame option (not available in 5 LED block
configuration)
0: No fading
1: Fading of a frame
6scroll_dir
0
R/W
Scroll Direction
0: Scroll to right
1: Scroll to left
5
block_size
0
R/W
Define block size for scrolling
0: Scroll in full matrix
1: Scroll in 5 LED blocks (current sources split in 2
sections, see Scroll Function)
4
Enable Scrolling
0
R/W
Scroll digits at play movie
0: No scrolling
1: Scrolling digits at play movie
3:0
frame_delay
0000
R/W
Delay between frame change in a movie
0000: Play frame only one time
0001: 32.5ms
0010: 65ms
0011: 97.5ms
0100: 130ms
0101: 162.5ms
0110: 195ms
0111: 227.5ms
1000: 260ms
1001: 292.5ms
1010: 325ms
1011: 357.5ms
1100: 390ms
1101: 422.5ms
1110: 455ms
1111: 487.5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com