Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1130-BSST Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # AS1130-BSST
Description  132-LED Cross-Plexing Driver with Scrolling Function
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1130-BSST Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button AS1130-BSST Datasheet HTML 40Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 41Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 42Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 43Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 44Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 45Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 46Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 47Page - ams-OSRAM AG AS1130-BSST Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
ams Datasheet
Page 43
[v2-01] 2016-Oct-12
Document Feedback
AS1130 − Register Description
Note(s):
1. This configuration is locked after the first write access to ON/OFF, PWM od DotCorrection data section. Unlock can be performed
only by a reset of the device.
Interrupt Mask Register (0x07)
Per default this register is set to 0x20.
Figure 46:
Interrupt Mask Register Format
3
common_addr
0
R/W
I²C Common Address
0: Disabled
1: Enabled (all AS1130 are reacting on the same
address “0111111”)
2:0
mem_conf
000
R/W
Define Memory Configuration(1)
(see RAM Configuration)
000: Invalid Configuration (default value)
001: RAM Configuration 1
010: RAM Configuration 2
011: RAM Configuration 3
100: RAM Configuration 4
101: RAM Configuration 5
110: RAM Configuration 6
0x07 Interrupt Mask Register
Bit
Bit Name
Default
Access
Bit Description
7selected_pic
0
R/W
IRQ pin triggers if defined frame is displayed (see
Interrupt Frame Definition Register (0x08))
0: Disabled
1: Enabled
6watchdog
0
R/W
IRQ pin triggers if the I²C watchdog triggers
0: Disabled
1: Enabled
5por
1
R/W
IRQ pin triggers if POR is active
0: Disabled
1: Enabled
4overtemp
0
R/W
IRQ pin triggers if the overtemperature limit is
reached
0: Disabled
1: Enabled
3low_vdd
0
R/W
IRQ pin triggers if VDD is too low for used LEDs
(low_VDD flag)
0: Disabled
1: Enabled
0x06 AS1130 Config Register
Bit
Bit Name
Default
Access
Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com