Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2W-RAP-WC1JP Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # A2W-RAP-WC1JP
Description  Wireless Pushbutton Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A2W-RAP-WC1JP Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button A2W-RAP-WC1JP Datasheet HTML 6Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 7Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 8Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 9Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 10Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 11Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 12Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 13Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
A2W
10
Connection
Internal Connection Diagram (Master Unit)
Output Specifications
Operation Timing Chart
Note: If you press two or more Slave buttons simultaneously within 2
ms, operation of the Slave button after that may not be sent to
the Master Unit.
Error Output Signal (Master Unit)
Output/Error Output Circuit Diagram (Master Unit)
PC CONN
COM
ERR
1
8
Photo coupler
Output circuit × 8
Control section
(CPU)
Serial
communications
section
Memory
(EEPROM)
RF module
Electrical circuit
Voltage
detection
Power LED (PWR)
Error LED (PWR)
Received field strength
LED (RCV)
Output LED × 8
(OUTPUT1 to 8)
Operation switch
• Mode settings switch
• Output settings switch
• Reset switch
DC/DC converter
(24V DC 5V DC)
Noise filter
24V DC
INPUT
Fuse
0V DC
CLR
DC/DC converter
(5V DC 3.3V DC)
Antenna
OUTPUT
Master Unit OUTPUT
Master Unit RCV LED
Slave button
reception confirmation
LED
Press operation
Slave button
500 ms
Lit
Lit
Master Unit output ON
(Internal transistor ON)
Error output
Power ON
Momentary
power failures
Continuously error
Status
Internal transistor
Power is OFF.
OFF
Normal operation
ON
Error, or momentary
power failure
OFF
Output/Error output circuits diagram
(Sinking Outputs)
OUT1
OUT8
ERR
COM
Output/Error output circuits diagram
(Sourcing Outputs)
COM
OUT1
OUT8
ERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com