Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2W-RAP-WC1JP Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # A2W-RAP-WC1JP
Description  Wireless Pushbutton Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A2W-RAP-WC1JP Datasheet(HTML) 5 Page - Omron Electronics LLC

  A2W-RAP-WC1JP Datasheet HTML 1Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 2Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 3Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 4Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 5Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 6Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 7Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 8Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
A2W
5
Master Unit
Ratings
Item
Specifications
Master Unit
power supply
Rated voltage
24 VDC
Allowable voltage range 21.6 to 26.4 VDC
Power consumption
2.4 W max.
Input current
0.1 A max.
Output rated
Output points
Output 8 points
One other point for error output
Output circuit shared
voltage
30 VDC max.
Maximum load current
50 mA per point
Leakage current
0.1 mA max.
Residual voltage
2.0 V max.
Output logic
One-shot (500 ms)
Response time
30 ms or less (from Slave button transmission to Master Unit signal output)
Number of connected
Slave buttons
8 max.
Error clear
terminal
Residual voltage at short 1.5 V or less, ON
Leakage current
0.1 mA or less, OFF (current at short: approx. 7 mA)
Insulation resistance
20 M
Ω max. (100 VDC)
Between the case and power supply terminals and all outputs terminals
Between all power supply terminals and all outputs terminals
Dielectric strength
1,000 VAC, 1 min.
Between the case and power supply terminals and all outputs terminals
Between all power supply terminals and all outputs terminals
Vibration resistance
Frequency: 10 to 55 Hz, half amplitude: 0.42mm
3-Directional, 120 minutes each (1 sweep, 1 min. ×120 sweeps)
Shock resistance
150 m/s2
Direction of shock: 3-axis, 6 directions
Shock frequency: 3 × each direction, total 18
Ambient operating temperature range
-10 to +55°C (no condensation or freezing)
Ambient operating humidity range
20% to 90% (no condensation)
Surrounding atmospheric conditions
No corrosive gas
Ambient storage temperature range
-40 to +70°C (no condensation or freezing)
Ambient operating humidity
20% to 90% (no condensation)
Degree of protection
IP20
Altitude
2,000 m max.
Memory protection
Non-volatile memory (Number of write operations: 1,000,000)
Weight
150 g (not including antenna)
160 g (including antenna)
Mounting
DIN rail mounting
Screw mounting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com