Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A2W-RAP-WC1JP Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # A2W-RAP-WC1JP
Description  Wireless Pushbutton Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A2W-RAP-WC1JP Datasheet(HTML) 4 Page - Omron Electronics LLC

  A2W-RAP-WC1JP Datasheet HTML 1Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 2Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 3Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 4Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 5Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 6Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 7Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 8Page - Omron Electronics LLC A2W-RAP-WC1JP Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
A2W
4
Ratings
Wireless Specifications
Applicable Standards
Conformance to EN Standards
Use a DC power line less than 3 m to conform to EN standards.
If a power line of 3 m or longer is required, extend the length at the Switching Power Supply's primary side (i.e., the AC power line).
Slave button
Ratings
Reception Confirmation LED
Operating Characteristics
Item
Slave button model
A2W-TA-WC1 JP
@@@
Master Unit model
A2W-RA
@-WC1 JP
Set frequency
929.2 MHz
Frequency channels
1 channel
Transmission power
1 mW max.
Wireless service area communications
speed
100 kbit/s
Communications method
Simplex communications
Number of wireless pushbuttons
connected
8 max.
Communications distance (line of sight)
Approx. 100 m outdoors (with the included pencil antenna)
Transmission time
Approx. 3 ms (from Slave button transmission to Slave button reception)
Repeater function
Not supported.
Area
Wireless standards
Safety standards
EMC standards
Japan
Conforms to ARIB STD-T108
Conforms to IEC 623680-1
Conforms to EN 62368-1
Conforms to EN 301 489-1
Conforms to EN 301 489-3
Item
Specifications
Operating force
25 N max.
Number of operations
1,000,000 operations
Vibration resistance
Frequency: 10 to 55 Hz, half amplitude: 0.75 mm
Sweep 5 min, 2 h
Shock resistance
1,000 m/s2
Direction: 3-axis, 6 directions
Ambient operating temperature range
-10 to +55°C (no condensation or freezing)
Ambient operating humidity range
20% to 90%, (no condensation)
Atmosphere
No corrosive gas
Storage temperature range
-40 to +70°C (no condensation or freezing)
Storage humidity range
20% to 90%, (no condensation)
Degree of protection
IP65
Altitude
2,000 m max.
Weight
100 g max.
Item
Details
Green
Reception success (received field strength “Strong”)
Yellow
Reception success (received field strength “Weak”)
Red
Reception failure
Not lit
Slave button fault (no signal transmission from Slave button)
Item
Code
Unit
Initial standard value
Operating force
OF
N
25 N max.
Total travel
TT
mm
6 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com